Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87C5111-ICSIL Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 8Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 9Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 10Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 11Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 12Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 13Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 14Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 15Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
12
AT8xC5111
4190A–8051–11/02
Clock Prescaler Register
This register is used to reload the clock prescaler of the CPU and peripheral clock.
Table 4. CKRL - Clock Prescaler Register (97h)
Reset value = 1111 1111b
Not bit addressable
Clock Control Register
This register is used to control the X2 mode of the CPU and peripheral clock.
Table 5. CKCON0 Register (8Fh)
765
43210
M
Bit
Number
Bit
Mnemonic
Description
7: 0
CKRL
0000 0000b: Division factor equal 512
1111 1111b: Division factor equal 2
M: Division factor equal 2*(256-M)
765
43210
-
WdX2
PcaX2
SiX2
-
T1X2
T0X2
X2
Bit
Number
Bit
Mnemonic Description
7-
Reserved
6WdX2
Watchdog clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
5PcaX2
Programmable Counter Array clock (This control bit is validated when the CPU
clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
4SiX2
Enhanced UART clock (Mode 0 and 2) (This control bit is validated when the
CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
3-
Reserved
2T1X2
Timer 1 clock (This control bit is validated when the CPU clock X2 is set; when X2
is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle
1T0X2
Timer 0 clock (This control bit is validated when the CPU clock X2 is set; when X2
is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com