Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87C5111-ICSIL Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 14Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 15Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 16Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 17Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 18Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 19Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 20Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 21Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 86 page
background image
18
AT8xC5111
4190A–8051–11/02
Ports
The low pin count versions of the AT8xC5111 has 3 I/O ports, port 1, port 3, and port 4.
All port1, port3 and port4 I/O port pins on the AT8xC5111 may be software configured to
one of four types on a bit-by-bit basis, as shown in Table 13. These are: quasi bi-direc-
tional (standard 80C51 port outputs), push-pull, open drain, and input only. Two
configuration registers for each port choose the output type for each port pin.
Table 1. Port Output Configuration Settings Using PxM1 and PxM2 Registers
Port Types
Quasi Bi-directional Output
Configuration
The default port output configuration for standard AT8xC5111 I/O ports is the quasi bi-
directional output that is common on the 80C51 and most of its derivatives. This output
type can be used as both an input and output without the need to reconfigure the port.
This is possible because when the port outputs a logic high, it is weakly driven, allowing
an external device to pull the pin low. When the pin is pulled low, it is driven strongly and
able to sink a fairly large current. These features are somewhat similar to an open drain
output except that there are three pull-up transistors in the quasi-bidirectional output that
serve different purposes. One of these pull-ups, called the "very weak" pull-up, is turned
on whenever the port latch for the pin contains a logic 1. The very weak pull-up sources
a very small current that will pull the pin high if it is left floating. A second pull-up, called
the "weak" pull-up, is turned on when the port latch for the pin contains a logic 1 and the
pin itself is also at a logic 1 level. This pull-up provides the primary source current for a
quasi-bidirectional pin that is outputting a 1. If a pin that has a logic 1 on it is pulled low
by an external device, the weak pull-up turns off, and only the very weak pull-up remains
on. In order to pull the pin low under these conditions, the external device has to sink
enough current to overpower the weak pull-up and take the voltage on the port pin
below its input threshold.
The third pull-up is referred to as the "strong" pull-up. This pull-up is used to speed up
low-to-high transitions on a quasi bi-directional port pin when the port latch changes
from a logic 0 to a logic 1. When this occurs, the strong pull-up turns on for a brief time,
two CPU clocks, in order to pull the port pin high quickly. Then it turns off again.
The quasi bi-directional port configuration is shown in Figure 2.
PxM1.y Bit
PxM2.y Bit
Port Output Mode
0
0
Quasi bidirectional
0
1
Push-pull
1
0
Input Only (High Impedance)
1
1
Open Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com