Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87C5111-ICSIL Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 45Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 46Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 47Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 48Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 49Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 50Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 51Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 52Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
49
AT8xC5111
4190A–8051–11/02
There are two additional registers associated with each of the PCA modules. They are
CCAPnH and CCAPnL and these are the registers that store the 16-bit count when a
capture occurs or a compare should occur. When a module is used in the PWM mode
these registers are used to control the duty cycle of the output (See Table 37 &
Table 38)
Table 5. CCAPnH: PCA Modules Capture/Compare Registers High
CCAPnH Address
n = 0 - 4
CCAP0H = 0FAH
CCAP1H = 0FBH
CCAP2H = 0FCH
CCAP3H = 0FDH
CCAP4H = 0FEH
76543
210
Reset value
00000
000
Table 6. CCAPnL: PCA Modules Capture/Compare Registers Low
CCAPnL Address
n = 0 - 4
CCAP0L = 0EAH
CCAP1L = 0EBH
CCAP2L = 0ECH
CCAP3L = 0EDH
CCAP4L = 0EEH
76543
210
Reset value
00000
000
Table 7. CH: PCA Counter High
CH
Address 0F9H
76543
210
Reset value
00000
000
Table 8. CL: PCA Counter Low
CL
Address 0E9H
76543
210
Reset value
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com