Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT87C5111-ICSIL Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT87C5111-ICSIL
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5111-ICSIL Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT87C5111-ICSIL Datasheet HTML 9Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 10Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 11Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 12Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 13Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 14Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 15Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 16Page - ATMEL Corporation AT87C5111-ICSIL Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
13
AT8xC5111
4190A–8051–11/02
Reset value = X000 0000b
Not bit addressable
Table 6. CKCON1 Register (AFh)
Reset value = XXXX XX00b
Not bit addressable
0X2
CPU clock
Clear to select 12 clock periods per machine cycle (STD mode) for CPU and all the
peripherals.
Set to select 6clock periods per machine cycle (X2 mode) and to enable the
individual peripherals "X2" bits.
7
6
5
43210
-
-
-
---
BRGX2
SPIX2
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
6-
Reserved
5-
Reserved
4-
Reserved
3-
Reserved
2-
Reserved
1BRGX2
BRG clock (This control bit is validated when the CPU clock X2 is set; when
X2 is low, this bit has no effect).
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
0
SPIX2
SPI clock (This control bit is validated when the CPU clock X2 is set; when X2
is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
Bit
Number
Bit
Mnemonic Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com