Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716CS5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology LT1716CS5 Datasheet HTML 10Page - Linear Technology LT1716CS5 Datasheet HTML 11Page - Linear Technology LT1716CS5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT1716
9
1716f
APPLICATIO S I FOR ATIO
The LT1716 comparator features low power operation
with exceptional input precision with rail-to-rail input and
output swing. The comparator operates flawlessly even
when the inputs are pulled over the positive rail or below
the negative rail.
Supply Voltage
The LT1716 operates from 2.7V to 44V. The comparator
can be shut down by removing V+. In this condition, the
input bias current is typically less than 3nA, even if the
inputs are 44V above the negative supply. The LT1716 is
protected against reverse battery voltages of up to 20V.
The reverse battery current is resistive as shown in the
reverse supply current graph.
Inputs
The comparator inputs can swing from 0.5V above to 44V
above V–. If one input is within this range, the other input
can be forced up to 5V below V– without phase reversal
occuring at the output.
The LT1716 has three stages—NPN, PNP and common
base (see Simplified Schematic)—resulting in three dis-
tinct operating regions and two transition regions as
shown in the Input Bias Current vs Common Mode typical
performance curve.
For input voltages about 0.8V or more below V+, the PNP
input stage is active and the input bias current is typically
– 4nA. The PNP differential input stage will have bias
current that flows out of the device. With a differential
input voltage of even just 100mV or so, there will be zero
bias current into the higher of the two inputs, while the
current flowing out of the lower input will be twice the
measured bias current.
When the input voltage is about 0.5V or less from V+, the
NPN state is operating and the input bias current is
typically 10nA. Increases in temperature will cause the
voltage at which operation switches from the PNP stage to
the NPN stage to move towards V+. The input offset
voltage of the NPN stage is untrimmed and is typically
500
µV.
A Schottky diode in the collector of each NPN transistor of
the NPN input stage allows the LT1716 to operate with
either or both of its inputs above V+. At about 0.3V above
V+, the NPN transistor is fully saturated and the input bias
current is typically 4
µA at room temperature. The input
offset voltage is typically 500
µV when operating above V+.
The LT1716 will operate with its input 44V above V –,
regardless of V+.
The transition to the negative common mode input stage
occurs at 0.3V above V –. Above this trip point the PNP
stage is active. When the inputs are 0.3V below V –, the
common base input stage is active in addition to the PNP
stage. The input bias current out of each input becomes
VIN/5kΩ. The LT1716 is designed to operate when either
input falls below the negative supply. Internal resistors
protect the inputs for faults below the negative supply of
up to 5V without phase reversal. The built-in 5k resistor
limits the current at each input to 1mA at 5V below the
negative supply. External matched input resistors can be
added for increased voltage fault operation below the
negative supply but the maximum input current should be
kept under 1mA.
Input Protection
The inverting and noninverting input pins of the LT1716
have on-chip protection. ESD protection is provided to
prevent damage during handling. The input transistors
have voltage clamping and limiting resistors to protect
against excursions as much as 5V below V – . There are no
clamping diodes between the inputs and the maximum
differential input voltage is 44V.
Output
The output stage of the LT1716 can drive loads connected
to a supply more positive than the device, the same as
comparators with open collector output stages. The out-
put of the LT1716 can be pulled up to 44V above V –,
regardless of V+.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com