Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716CS5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 5 Page - Linear Technology

  LT1716CS5 Datasheet HTML 1Page - Linear Technology LT1716CS5 Datasheet HTML 2Page - Linear Technology LT1716CS5 Datasheet HTML 3Page - Linear Technology LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT1716
5
1716f
The q denotes the specifications which apply over the operating
temperature range of – 40
°C < TA < 125°C, otherwise specifications are at TA = 25°C. Split supply operation VS = ±15V, VCM = 0V
unless otherwise noted. (Note 4)
LT1716H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
– 14.5V < VCM < 14V
300
1500
µV
q
2900
µV
Input Offset Voltage Drift (Note 5)
q
2
µV/°C
IOS
Input Offset Current
VCM = 0V
q
3
280
nA
VCM = 29V
q
0.9
µA
VCM = – 15V
q
1.3
µA
IB
Input Bias Current
VCM = 0V
30
60
nA
q
50
1400
nA
VCM = 29V
q
620
µA
VCM = – 15V
q
330
µA
VCM = – 20V
q
1
1.4
mA
Input Voltage Range (Note 7)
q
– 14.5
14
V
CMRR
Common Mode Rejection Ratio
– 14.5V < VCM < 14V
q
85
110
dB
– 14.5V < VCM < 29V (Note 6)
q
70
93
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±22V
q
80
110
dB
Minimum Operating Supply Voltage
q
2.4
2.7
V
AVOL
Large-Signal Voltage Gain
RL = 6k; –14V < VOUT < 14V
500
1000
V/mV
RL = 6k; –13V < VOUT < 13V
q
50
V/mV
IS
Supply Current
VS = ±15V, RL = Open, VO = High
40
95
µA
ISC–
Output Sink Current (Note 2)
VOVERDRIVE > 30mV
q
510
mA
ISC+
Output Source Current
VOVERDRIVE = 5mV, VOUT = –14V
q
70
155
µA
VOL
Output Voltage Swing Low
ISINK = 0mA, VOVERDRIVE = –10mV
q
20
70
mV
(Referred to V–)ISINK = 0.1mA
q
75
170
mV
ISINK = 1mA
q
200
480
mV
ISINK = 5mA
q
550
1200
mV
VOH
Output Voltage Swing High
ISOURCE = 0µA, VOVERDRIVE = 10mV
q
45
120
mV
(Referred to V+)ISOURCE = 10µA
q
140
250
mV
Leakage Current
VOUT = 25V, VOVERDRIVE > 100mV
q
1.5
5
µA
Propagation Delay
VOVERDRIVE > 100mV, RLOAD = 10k
5.5
10
µs
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum.
Note 3: The LT1716C/LT1716I are guaranteed functional over the
operating temperature range of – 40
°C to 85°C. The LT1716H is
guaranteed functional over the operating temperature range of – 40
°C
to 125
°C.
Note 4: The LT1716C is guaranteed to meet specified performance from
0
°C to 70°C. The LT1716C is designed, characterized and expected to
meet performance from – 40
°C to 85° but is not tested or QA sampled at
the temperatures. The LT1716I is guaranteed to meet specified
performance from – 40
°C to 85°C. The LT1716H is guaranteed to meet
specified performance from – 40
°C to 125°C.
Note 5: This parameter is not 100% tested.
Note 6: Typical input offset voltage of 500
µV at VCM = 44V above V– and a
maximum input offset voltage of 4mV at VCM = 44V above V
–.
Note 7: If one input is within this input range, the other input can go 5V
below V– and the output will be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com