Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716CS5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 3 Page - Linear Technology

  LT1716CS5 Datasheet HTML 1Page - Linear Technology LT1716CS5 Datasheet HTML 2Page - Linear Technology LT1716CS5 Datasheet HTML 3Page - Linear Technology LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT1716
3
1716f
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range of –40
°C ≤ TA ≤ 85°C, otherwise specifications are at TA = 25°C. Single supply operation V+ = 5V, V– = 0V;
VCM = V+/2 unless otherwise noted. (Note 4)
LT1716C/LT1716I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISC–
Output Sink Current (Note 2)
VOVERDRIVE > 30mV
q
10
20
mA
ISC+
Output Source Current
VOVERDRIVE = 5mV, VOUT = 1V
q
60
85
µA
VOL
Output Voltage Swing Low
ISINK = 0mA, VOVERDRIVE = –10mV
q
20
35
mV
(Referred to V–)ISINK = 0.1mA
q
75
110
mV
ISINK = 1mA
q
200
300
mV
ISINK = 5mA
q
550
900
mV
VOH
Output Voltage Swing High
ISOURCE = 0µA, VOVERDRIVE = 10mV
q
30
55
mV
(Referred to V+)ISOURCE = 10µA
q
130
185
mV
Leakage Current
VOUT = 40V, VOVERDRIVE > 100mV
q
0.5
2
µA
Propagation Delay
VOVERDRIVE > 100mV, RLOAD = 10k
3
5.5
µs
The q denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C, otherwise specifications
are at TA = 25°C. Split supply operation VS = ±15V, VCM = 0V unless otherwise noted. (Note 4)
LT1716C/LT1716I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
– 14.5V < VCM < 14V
300
1500
µV
0
°C < TA < 70°C
q
2000
µV
–40
°C < TA < 85°C
q
2400
µV
Input Offset Voltage Drift (Note 5)
0
°C < TA < 70°C
q
2
µV/°C
–40
°C < TA < 85°C
q
2
µV/°C
IOS
Input Offset Current
VCM = 0V
q
315
nA
VCM = 29V
q
0.9
µA
VCM = – 15V
q
1.3
µA
IB
Input Bias Current
VCM = 0V
30
60
nA
q
50
100
nA
VCM = 29V
q
69
µA
VCM = – 15V
q
313
µA
VCM = – 20V
q
1
1.4
mA
Input Voltage Range (Note 7)
q
– 14.5
14
V
CMRR
Common Mode Rejection Ratio
– 14.5V < VCM < 14V
q
92
110
dB
– 14.5V < VCM < 29V (Note 6)
q
81
98
dB
PSRR
Power Supply Rejection Ratio
VS = ±1.35V to ±22V
q
90
110
dB
Minimum Operating Supply Voltage
q
2.4
2.7
V
AVOL
Large-Signal Voltage Gain
RL = 6k; –14V < VOUT < 14V
500
1000
V/mV
q
400
V/mV
IS
Supply Current
VS = ±15V, RL = Open, VO = High
q
40
95
µA
ISC–
Output Sink Current (Note 2)
VOVERDRIVE > 30mV
q
10
20
mA
ISC+
Output Source Current
VOVERDRIVE = 5mV, VOUT = –14V
q
70
105
µA
VOL
Output Voltage Swing Low
ISINK = 0mA, VOVERDRIVE = –10mV
q
20
35
mV
(Referred to V–)ISINK = 0.1mA
q
75
110
mV
ISINK = 1mA
q
200
300
mV
ISINK = 5mA
q
550
900
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com