Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716CS5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1716CS5 Datasheet HTML 3Page - Linear Technology LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology LT1716CS5 Datasheet HTML 10Page - Linear Technology LT1716CS5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT1716
7
1716f
TYPICAL PERFOR A CE CHARACTERISTICS
Output Sinking Current
vs Total Supply Voltage
Output Leakage Current
vs Output Voltage
Output Sinking Current Limit
vs Temperature
OUTPUT VOLTAGE (V)
5
500
450
400
350
300
250
1716 G10
10
15
20
25
30
35
40
45
V+ = 5V
V – = 0V
TA = 25°C
TEMPERATURE (
°C)
–50
0
5
10
15
20
050
100
150
1716 G11
25
30
–25
25
75
125
OUTPUT SHORTED TO V+
VS = 5V
VS = ±15V
TOTAL SUPPLY VOLTAGE (V)
1
0
5
10
15
20
30
10
100
1716 G12
25
OUTPUT SHORTED TO V+
TA = 25°C
Total Switching Time
vs Total Supply Voltage
Total Switching Time
vs Temperature
TEMPERATURE (
°C)
0
1
10
100
50
100
25
75
125
1716 G13
–50 –25
150
RL = 10k
VOUT = 90% VFINAL (RISE)
VOUT = 10% VFINAL (FALL)
VSTEP = 100mV
VOVERDRIVE = 10mV
VS = ±15V
FALL
VS = ±15V
RISE
VS = ±2.5V
RISE
VS = ±2.5V
FALL
OVERDRIVE (mV)
10
30
100
1716 G14
1
10
20
100
90
80
70
60
50
40
0
RL = 10k
VOUT = 90% VFINAL (RISE)
VOUT = 10% VFINAL (FALL)
VSTEP = 100mV
TA = 25°C
±15V
RISE TIME
±15V
FALL TIME
±2.5V
FALL TIME
±2.5V
RISE TIME
TOTAL SUPPLY VOLTAGE (V)
10
1
10
100
20
30
1716 G15
0
40
RL = 10k
VOUT = 90% VFINAL (RISE)
VOUT = 10% VFINAL (FALL)
VCM = 1/2 VTOTALSUPPLY
VSTEP = 100mV
VOVERDRIVE = 10mV
FALL
RISE
Total Switching Time
vs Pull-Up Resistor
PULL-UP RESISTOR (k
Ω)
1
10
1
10
100
100
1000
10000
1716 G16
VOUT = 90% VFINAL
VSTEP = 100mV
VOVERDRIVE = 10mV
TA = 25°C
VS = ±2.5V
RISE
VS = ±15V
RISE
Response Time
Reverse Supply Current
REVERSE VOLTAGE (V)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
1716 G27
5
10
15
20
25
TA = 25°C
Total Switching Time
vs Overdrive
30V
26V
5V
0V
TIME (
µs)
VS = 5V, 0V
VOD = 10mV
RL = 10k, 100k, OPEN
VIN
+ = 26V TO 30V
VIN
– = 29.99V
1716 G17
VIN
+
VOUT
RL = 10k
RL = 100k
RL = OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com