Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716CS5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1716CS5 Datasheet HTML 2Page - Linear Technology LT1716CS5 Datasheet HTML 3Page - Linear Technology LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology LT1716CS5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1716
6
1716f
Input Bias Current with Inputs
Driven Above the Supply
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current
vs Differential Input Voltage
Output Low Voltage
vs Sink Current
Output High Voltage
vs Source Current
Input Bias Current
vs Common Mode Voltage
VCM (V)
0
10
8
6
4
2
0
–2
1716 G01
5
10
15
20
25
30
VS = ±15V
125
°C
INPUTS
EXCEED SUPPLY
125
°C
25
°C 85°C
–55
°C
Input Bias Current
vs Temperature
DIFFERENTIAL INPUT VOLTAGE (V)
–0.2
–1
0
1
–0.05
0.05
0.2
1716 G03
–2
–3
–4
–0.15 –0.1
0
0.1 0.15
V+ = 15V
V– = –15V
–IN
+IN
TRANSITION
REGION
LOADING SINK CURRENT (mA)
0
2.0
1.6
1.2
0.8
0.4
0
1716 G04
2
4
6
8
10 12 14 16 18 20
V+ = 5V
V – = 0V
VOL AT 85°C
VOL AT 125°C
VOL AT –55°C
VOL AT 25°C
LOADING SOURCE CURRENT (
µA)
0
5.0
4.9
4.8
4.7
4.6
4.5
1716 G05
5
10 15 20 25 30 35 40 45 50
V+ = 5V
V – = 0V
VOH AT 85°C, 125°C
VOH AT –55°C
VOH AT 25°C
VCM (V)
0
10
8
6
4
2
0
–2
1716 G06
510 15 20 25 30 35 40 45 50
125
°C
85
°C
–55
°C
25
°C
INPUTS
EXCEED SUPPLY
V+ = 5V
V– = 0V
Input Bias Current with Inputs
Driven Below the Supply
VCM (V)
–5
200
0
–200
–400
–600
–800
–1000
–1200
1716 G07
–4
–3
–2
–1
0
V+ = 2.7V TO 44V
V – = 0V
–55
°C < TA < 125°C
Supply Current vs Temperature
TEMPERATURE (
°C)
–50
0
10
30
40
50
100
70
0
50
75
1716 G08
20
80
90
60
–25
25
100 125
150
V+ = 5V
V– = 0V
OUTPUT LOW
OUTPUT HIGH
Positive Supply Current
vs Output Sinking Current
OUTPUT SINK CURRENT (mA)
0.1
10
100
1000
1
10
100
1716 G09
VS = ±15V
TA = 25°C
VS = 5V
TEMPERATURE (
°C)
–50
–0.0100
–0.0010
0.0000
0.0010
0.0100
0.1000
1.0000
050
100
150
1716 G02
–25
25
75
125
CURRENT
OUT OF PIN
CURRENT
OUT OF PIN
V+ = 15V
V– = –15V
VCM = 0V
V+ = 5V
V– = 0V
VCM = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com