Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716CS5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 2 Page - Linear Technology

  LT1716CS5 Datasheet HTML 1Page - Linear Technology LT1716CS5 Datasheet HTML 2Page - Linear Technology LT1716CS5 Datasheet HTML 3Page - Linear Technology LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1716
2
1716f
Supply Voltage (V+ to V) ........................................ 44V
Differential Input Voltage ......................................... 44V
Input Voltage ................................................... 44V, – 5V
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)
LT1716C/LT1716I ............................. – 40
°C to 85°C
LT1716H .......................................... –40
°C to 125°C
Specified Temperature Range (Note 4)
LT1716C/LT1716I ............................. – 40
°C to 85°C
LT1716H .......................................... –40
°C to 125°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
S5 PART MARKING*
TJMAX = 150°C, θJA = 250°C/W
*The temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTYD
LT1716CS5
LT1716IS5
LT1716HS5
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range of –40
°C ≤ TA ≤ 85°C, otherwise specifications are at TA = 25°C. Single supply operation V+ = 5V, V= 0V;
VCM = V+/2 unless otherwise noted. (Note 4)
LT1716C/LT1716I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0.5V < VCM < (VCC – 1V)
300
1600
µV
0
°C < TA < 70°C
q
2100
µV
–40
°C < TA < 85°C
q
2500
µV
Input Offset Voltage Drift
0
°C < TA < 70°C
q
2
µV/°C
(Note 5)
– 40
°C < TA < 85°C
q
2
µV/°C
IOS
Input Offset Current
VCM = V+/2
q
315
nA
VCM = 0V
q
1.3
µA
VCM = 44V
q
0.9
µA
IB
Input Bias Current
VCM = V
+/2
20
50
nA
q
35
75
nA
V+ = 0V, VCM = 44V
2
nA
VCM = 0V
q
313
µA
VCM = 44V
q
69
µA
VCM = – 5V
q
1
1.4
mA
Input Voltage Range (Note 7)
q
0.5
44
V
CMRR
Common Mode Rejection Ratio
0.5V
≤ VCM < (V+ – 1V)
q
89
110
dB
0.5V
≤ VCM < 44V, (Note 6)
q
81
110
dB
PSRR
Power Supply Rejection Ratio
V= 0V, VCM = 1.5V; 2.7V < V
+ < 36V
q
95
110
dB
Minimum Operating Supply Voltage
q
2.4
2.7
V
AVOL
Large-Signal Voltage Gain
RL = 1k; 1V < VOUT < 4V
200
500
V/mV
q
100
V/mV
IS
Supply Current
V+ = 3V, RL = Open, VO = High
35
50
µA
q
65
µA
V+ = 5V, RL = Open, VO = High
35
55
µA
q
75
µA
V+ = 12V, RL = Open, VO = High
40
60
µA
q
85
µA
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
1
2
3
OUT
V
+IN
5
4
V+
–IN
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com