Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716CS5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 4 Page - Linear Technology

  LT1716CS5 Datasheet HTML 1Page - Linear Technology LT1716CS5 Datasheet HTML 2Page - Linear Technology LT1716CS5 Datasheet HTML 3Page - Linear Technology LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LT1716
4
1716f
LT1716C/LT1716I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range of –40
°C ≤ TA ≤ 85°C, otherwise specifications are at TA = 25°C. Split supply operation VS = ±15V, VCM = 0V
unless otherwise noted. (Note 4)
VOH
Output Voltage Swing High
ISOURCE = 0µA, VOVERDRIVE = 10mV
q
45
75
mV
(Referred to V+)ISOURCE = 10µA
q
140
210
mV
Leakage Current
VOUT = 25V, VOVERDRIVE > 100mV
q
0.6
2
µA
Propagation Delay
VOVERDRIVE > 100mV, RLOAD = 10k
5.5
9
µs
The q denotes the specifications which apply over the operating temperature range of – 40
°C < TA < 125°C, otherwise specifications
are at TA = 25°C. Single supply operation V+ = 5V, V– = 0V, VCM = VCC/2 unless otherwise noted. (Note 4)
LT1716H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
0.5V < VCM < (VCC – 1V)
300
1600
µV
q
2900
µV
Input Offset Voltage Drift (Note 5)
q
2
µV/°C
IOS
Input Offset Current
VCM = V+/2
q
3
220
nA
VCM = 0V
q
1.3
µA
VCM = 44V
q
0.9
µA
IB
Input Bias Current
VCM = V+/2
20
50
nA
q
900
nA
V+ = 0V, VCM = 44V
2
nA
VCM = 0V
q
325
µA
VCM = 44V
q
614
µA
VCM = – 5V
q
1
1.4
mA
Input Voltage Range (Note 7)
0.5
44
V
CMRR
Common Mode Rejection Ratio
0.5V < VCM < (V+ – 1V)
q
75
110
dB
0.5V < VCM < 44V (Note 6)
q
72
110
dB
PSRR
Power Supply Rejection Ratio
V– = 0V, VCM = 1.5V, 2.7V < V+ < 36V
q
85
110
dB
Minimum Operating Supply Voltage
q
2.4
2.7
V
AVOL
Large-Signal Voltage Gain
RL = 1k, 1V < VOUT < 4V
200
500
V/mV
RL = 6k
q
20
V/mV
IS
Supply Current per Amplifier
V+ = 3V, RL = Open, VO = High
35
50
µA
q
70
µA
V+ = 5V, RL = Open, VO = High
35
55
µA
q
75
µA
V+ = 12V, RL = Open, VO = High
40
60
µA
q
85
µA
ISC–
Output Sink Current (Note 2)
VOVERDRIVE > 30mV
q
510
mA
ISC+
Output Source Current
VOVERDRIVE = 5mV, VOUT = 1V
q
60
110
µA
VOL
Output Voltage Swing Low
ISINK = 0mA, VOVERDRIVE = –10mV
q
20
60
mV
(Referred to V–)ISINK = 0.1mA
q
75
170
mV
ISINK = 1mA
q
200
480
mV
ISINK = 5mA
q
550
1200
mV
VOH
Output Voltage Swing High
ISOURCE = 0µA, VOVERDRIVE = –10mV
q
50
110
mV
(Referred to V+)
ISOURCE = 10µA
q
130
220
mV
Leakage Current
VOUT = 40V, VOVERDRIVE > 100mV
q
1.7
5
µA
Propagation Delay
VOVERDRIVE > 100mV, RLOAD = 10k
6
9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com