Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1716CS5 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1716CS5
Description  SOT-23, 44V, Over-The-Top, Micropower, Precision Rail-to-Rail Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1716CS5 Datasheet(HTML) 1 Page - Linear Technology

  LT1716CS5 Datasheet HTML 1Page - Linear Technology LT1716CS5 Datasheet HTML 2Page - Linear Technology LT1716CS5 Datasheet HTML 3Page - Linear Technology LT1716CS5 Datasheet HTML 4Page - Linear Technology LT1716CS5 Datasheet HTML 5Page - Linear Technology LT1716CS5 Datasheet HTML 6Page - Linear Technology LT1716CS5 Datasheet HTML 7Page - Linear Technology LT1716CS5 Datasheet HTML 8Page - Linear Technology LT1716CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT1716
1
1716f
The LT
®1716 comparator operates on any total power
supply voltage between 2.7V and 44V drawing 35
µA of
quiescent current. The LT1716 has a unique input stage
that can be taken 44V above V–, independent of V+ supply.
(Built-in resistors protect the inputs for faults below the
negative supply of up to 5V.) The inputs can withstand 44V
both differential and common mode.
The output stage includes a class “B” pull-up current
source, eliminating the need for an external resistive pull-
up and saving power. Output voltage swings to within
35mV of the negative supply and 55mV of the positive
supply, which makes the comparator a good choice for
low voltage single supply operation. The output stage is
also designed to drive loads connected to a higher supply
than the LT1716 supply, the same as an open collector
output stage.
The LT1716 is available in a SOT-23 5-lead package.
s
Power Supply Monitors
s
Relay/Lamp Driver
s
Oscillators
s
Peak Detector
s
Level Shifting
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Operates from 2.7V to 44V
s
Over-The-Top
®: Input Common Mode Range
Extends 44V Above V–, Independent of V+
s
Micropower: 35
µA IQ
s
Offset Voltage: 1.5mV Max
s
5-Pin SOT-23 Package
s
Valid Output with Either Input 5V Below V–
s
Rail-to-Rail Output Swing
s
Output Can Drive Loads Above V+
s
Internal Pull-Up Current
s
–40
°C to 125°C Operating Temperature Range
SOT-23, 44V, Over-The-Top,
Micropower, Precision
Rail-to-Rail Comparator
Over-The-Top is a registered trademark of Linear Technology Corporation.
3V
+
–
5V TO 44V
LAMP
ON/OFF
100k
RS
0.15
Ω
1W
0.25A TO 2.5A
1716 TA01
LT1716
LAMP GOOD
CMPD6001
5k
4
3
1
5
2
1M
0.1
µF
RS ≥
0.04
IL
VIN
– (V)
–10
–5
0
5
10
15
20
45
1716 TA02
12
µ
8
µ
4
µ
6n
3n
0
–3n
–6n
–100
µ
–0.5m
–1m
–1.5m
+IN = 2V
+IN = 2V
+IN = 10V
INPUT
BELOW
SUPPLY
VS = 5V, 0V
INPUT
ABOVE
SUPPLY
Lamp Monitor
Input Bias Current vs Input Bias Voltage
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1716CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1716 LINER-LT1716 Datasheet
261Kb / 12P
SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
LT1716 LINER-LT1716_15 Datasheet
261Kb / 12P
SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
More results

Similar Description - LT1716CS5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1782 LINER-LT1782 Datasheet
212Kb / 12P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783 Datasheet
211Kb / 12P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1636 LINER-LT1636_1 Datasheet
393Kb / 16P
Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
LT1782 LINER-LT1782_1 Datasheet
261Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783_1 Datasheet
172Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
LT1783IS5 LINER-LT1783IS5 Datasheet
164Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Dimensions Semic...
LT1783IS5-TRMPBF LINEAR_DIMENSIONS-LT1783IS5-TRMPBF Datasheet
184Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
logo
Linear Technology
LT1716 LINER-LT1716_15 Datasheet
261Kb / 12P
SOT-23, 44V, Over-the-Top, Micropower, Precision Rail-to-Rail Comparator
LT1782 LINER-LT1782_15 Datasheet
519Kb / 16P
Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
LT1783 LINER-LT1783_15 Datasheet
184Kb / 16P
1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com