Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SM-R Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4548-SM-R
Description  17 - 20 GHz 10 W GaN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548-SM-R Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4548-SM-R Datasheet HTML 1Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 2Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 3Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 4Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 5Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 6Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 7Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 8Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. C, April 24, 2017 | Subject to change without notice
3 of 12
www.qorvo.com
Performance Plots
Test conditions unless otherwise noted: VD1=VD2=VD3=28V, ID1+ID2+ID3=300mA, VG1=VG2=VG3=-2.6V typical, Temp = +25 °C,
Z0 = 50 
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
12
14
16
18
20
22
24
Frequency (GHz)
S-parameter vs. Frequency
Gain
IRL
ORL
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
16
16.5
17
17.5
18
18.5
19
19.5
20
20.5
21
Frequency (GHz)
S-parameter vs. Frequency
Gain
IRL
ORL
0
5
10
15
20
25
30
35
12
14
16
18
20
22
24
Frequency (GHz)
Gain vs. Frequency vs. Temp.
+85 C
+25 C
-40 C
-25
-22
-19
-16
-13
-10
-7
-4
12
14
16
18
20
22
24
Frequency (GHz)
+85 C
+25 C
-40 C
Input Return Loss vs. Frequency vs. Temp.
-25
-22
-19
-16
-13
-10
-7
-4
-1
12
14
16
18
20
22
24
Frequency (GHz)
+85 C
+25 C
-40 C
Output Return Loss vs. Frequency vs. Temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com