Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SM-R Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TGA4548-SM-R
Description  17 - 20 GHz 10 W GaN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548-SM-R Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TGA4548-SM-R Datasheet HTML 4Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 5Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 6Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 7Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 8Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 9Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 10Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 11Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. C, April 24, 2017 | Subject to change without notice
8 of 12
www.qorvo.com
Pad Configuration and Description
Top View
Bottom View
Pad No.
Label
Description
1, 3, 7, 13, 15, 21
GND
Ground. May be grounded on PCB.
2
RFIN
RF input, matched to 50
, AC coupled.
4, 24
VG1
Gate voltage. Bias network is required; can be biased from either pin, and non-biased pin can be
left open; see Application Circuit on page 4 as an example.
5, 23
VG2
Gate voltage. Bias network is required; can be biased from either pin, and non-biased pin can be
left open; see Application Circuit on page 4 as an example.
6, 22
VG3
Gate voltage. Bias network is required; can be biased from either pin, and non-biased pin can be
left open; see Application Circuit on page 4 as an example.
8, 20
VD1
Drain voltage. Bias network is required; see Application circuit on page 4 as an example.
9, 19
VD2
Drain voltage. Bias network is required; see Application circuit on page 4 as an example.
10, 18
VD3
Drain voltage. Bias network is required; see Application circuit on page 4 as an example.
11, 17
VDET
Detector diode output voltage. Varies with RF output power.
12, 16
VREF
Reference diode output voltage
14
RFOUT
RF output, matched to 50
, AC coupled.
25
GND
Backside paddle. Multiple vias should be employed to minimize inductance and thermal resistance;
see Mounting Configuration on page 11 for suggested footprint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com