Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SM-R Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA4548-SM-R
Description  17 - 20 GHz 10 W GaN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548-SM-R Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA4548-SM-R Datasheet HTML 1Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 2Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 3Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 4Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 5Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 6Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 7Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 8Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. C, April 24, 2017 | Subject to change without notice
5 of 12
www.qorvo.com
Performance Plots
Test conditions unless otherwise noted: VD1=VD2=VD3=28V, ID1+ID2+ID3=300mA, VG1=VG2=VG3=-2.6V typical, Temp = +25 °C,
Z0 = 50 
5
10
15
20
25
30
35
40
0
2
4
6
8
10
12
14
16
Input Power (dBm)
PAE vs. Pin vs. Frequency
17.7 GHz
18.5 GHz
19.7 GHz
5
10
15
20
25
30
35
40
16
17
18
19
20
21
Frequency (GHz)
PAE vs. Vd vs. Frequency
28 V
25 V
22 V
-5.00
-4.50
-4.00
-3.50
-3.00
-2.50
-2.00
-1.50
-1.00
-0.50
0.00
0.50
24
26
28
30
32
34
36
38
40
Output Power (dBm)
AM-AM vs. Pout vs. Frequency
17.7GHz
18.5GHz
19.7GHz
-4.00
-3.00
-2.00
-1.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
26
28
30
32
34
36
38
Output Power (dBm)
AM-PM vs. Pout vs. Frequency
17.7GHz
18.5GHz
19.7GHz
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
20
22
24
26
28
30
32
34
36
38
40
42
44
Output Power (dBm)
Power Detector vs. Pout vs. Frequency
17.7GHz
18.5GHz
19.7GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com