Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SM-R Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA4548-SM-R
Description  17 - 20 GHz 10 W GaN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548-SM-R Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA4548-SM-R Datasheet HTML 4Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 5Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 6Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 7Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 8Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 9Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 10Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 11Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. C, April 24, 2017 | Subject to change without notice
10 of 12
www.qorvo.com
Application Circuit
Notes:
1.
VG1, VG2, and VG3 can be biased from either side, and the non-biased side can be left open. VD1, VD2, and VD3 must be biased from both
sides.
Bias Up Procedure
1. Set ID limit to 3000 mA, IG limit to 20 mA
2. Apply −5 V to VG
3. Apply +28 V to VD; ensure IDQ is approx. 0 mA
4. Adjust VG until IDQ = 300 mA (VG ~ −2.3 V Typ.).
5. Turn on RF supply
Bias Down Procedure
1. Turn off RF supply
2. Reduce VG to −5 V; ensure IDQ is approx. 0 mA
3. Set VD to 0 V
4. Turn off VD supply
5. Turn off VG supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com