Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SM-R Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA4548-SM-R
Description  17 - 20 GHz 10 W GaN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548-SM-R Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA4548-SM-R Datasheet HTML 4Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 5Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 6Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 7Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 8Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 9Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 10Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 11Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. C, April 24, 2017 | Subject to change without notice
11 of 12
www.qorvo.com
Package Marking and Dimensions
Marking: Part Number – TGA4548X-SM
Vendor and Lot Code – MXXXXXXX; “M” is the vendor code, XXXXXXX represents assembly lot number.
Notes:
This package is lead-free/RoHS-compliant with an embedded heat spreader, and the plating material on the leads is NiAu. It is compatible
with both lead-free (maximum 260 °C reflow temperature) and tin-lead (maximum 245 °C reflow temperature) soldering processes.
PCB Mounting Pattern
Notes:
1.
All dimensions are in millimeters. Angles are in degrees.
2.
Ground vias are critical for the proper performance of this device. Vias should have a final plated thru diameter of .1524 mm (.006”).
3.
For best thermal performance, vias under the ground paddle should be copper filled.
4.
The pad pattern shown has been developed and tested for optimized assembly at Qorvo. The PCB land pattern has been developed to
accommodate lead and package tolerances. Since surface mount processes vary from company to company, careful process development is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com