Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SM-R Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA4548-SM-R
Description  17 - 20 GHz 10 W GaN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548-SM-R Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA4548-SM-R Datasheet HTML 3Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 4Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 5Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 6Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 7Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 8Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 9Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 10Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. C, April 24, 2017 | Subject to change without notice
7 of 12
www.qorvo.com
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (θJC) (1)
CW
Tbaseplate = +85 °C, VD = +28 V, ID = 300 mA,
PDISS = 8.4 W
3.57
ºC/W
Channel Temperature, TCH (IDQ)
115
°C
Median Lifetime (TM)
5.7 x 1011
Hrs
Thermal Resistance (θJC) (1)
CW
Tbaseplate = +85 °C, VD = +28 V, ID = 1050 mA,
POUT = 40 dBm,
PDISS = 19.4 W
3.61
ºC/W
Channel Temperature, TCH (Under RF)
155
°C
Median Lifetime (TM)
4.9 x 109
Hrs
Notes:
1.
Channel operating temperature will directly affect the device median lifetime (Tm). For maximum life, it is recommended that
the channel temperatures be maintained at the lowest possible levels.
Median Lifetime
Test Conditions: VD = +28 V; Failure Criteria is 10% reduction in ID_MAX
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
75
100
125
150
175
200
225
250
275
Channel Temperature, TCH (°C)
Median Lifetime vs. TCH
FET16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com