Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SM-R Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4548-SM-R
Description  17 - 20 GHz 10 W GaN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548-SM-R Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4548-SM-R Datasheet HTML 1Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 2Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 3Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 4Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 5Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 6Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 7Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 8Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TGA4548-SM
17 - 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. C, April 24, 2017 | Subject to change without notice
1 of 12
www.qorvo.com
24-Lead 5.0 x 5.5 x 1.7 mm Package
Key Features
• Frequency Range: 17 – 20 GHz
• Power: 40 dBm Psat
• Small Signal Gain: 27 dB
• Large Signal Gain: 22 dB
• Integrated Power Detector
• PAE: 30% at PIN = 12 dBm
• Bias: VD1 = VD2 = VD3 = +28 V, ID1 + ID2 + ID3 =
300 mA
• Package Dimensions: 5.0 x 5.5 x 1.7 mm
Performance is typical across frequency. Please
reference electrical specification table and data plots
for more details.
Product Overview
Qorvo’s TGA4548-SM is a high frequency, high power
MMIC amplifier fabricated on Qorvo’s production 0.15um
GaN on SiC process (QGaN15). The TGA4548-SM
operates from 17 – 20 GHz and typically provides 10 W
saturated output power with power-added efficiency of 30%
and large-signal gain of 22 dB. This combination of high
frequency performance provides the flexibility designers
are looking for to improve system performance while
reducing size and cost. The TGA4548-SM also has an
integrated power detector to support system diagnostics
and other needs.
The TGA4548-SM is offered in a small 5x5.5 mm surface
mount package, matched to 50
and has integrated DC
blocking capacitors on both RF ports allowing for simple
system
integration.
The
frequency
coverage
and
operational
flexibility
allows
it
support
satellite
communication as well as point to point data links.
The TGA4548-SM is 100% DC and RF tested to ensure
compliance to electrical specifications.
Lead-free and RoHS compliant.
Evaluation boards are available upon request.
Functional Block Diagram
Applications
• Point-to-Point Radio
• Satellite Communications
Ordering Information
Part No.
ECCN
Description
TGA4548-SM-T/R 3A001.b.2.c
200 pieces on a 7” reel
(standard)
TGA4548-SMS2
3A001.b.2.c
Waffle Tray with 4 pcs
TGA4548-SMEVB EAR99
Evaluation Board


Similar Part No. - TGA4548-SM-R

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
TGA4548-SMEVB QORVO-TGA4548-SMEVB Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
TGA4548-SMTR7 QORVO-TGA4548-SMTR7 Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
More results

Similar Description - TGA4548-SM-R

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
10 to 11 GHz, 17 W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
0.1 ??3.0 GHz 10 W GaN Power Amplifier
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
27.5 ??31 GHz 10 W GaN Power Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
6 ??18 GHz 20 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
6??8 GHz 20 W GaN Power Amplifier
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
9??0 GHz 20 W GaN Power Amplifier
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
17 - 20 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com