Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TGA4548-SM-R Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA4548-SM-R
Description  17 - 20 GHz 10 W GaN Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548-SM-R Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA4548-SM-R Datasheet HTML 1Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 2Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 3Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 4Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 5Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 6Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 7Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 8Page - TriQuint Semiconductor TGA4548-SM-R Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TGA4548-SM
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. C, April 24, 2017 | Subject to change without notice
2 of 12
www.qorvo.com
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Drain Voltage (VD)
+28
V
Operating Temp. Range
−40
+25
+85
°C
IDQ
300
mA
VG
−2.6
V
ID drive (at +38dBm Pout)
930
mA
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Drain Voltage (VD)
29.5 V
Gate Voltage Range (VG)
-8 to 0 V
RF Input Power, CW, 50  , T=25 °C
26 dBm
Dissipated Power (PDISS), CW, 85°C
45 W
Storage Temperature
−55 to +150 °C
Mounting Temperature (30 seconds)
320 °C
Channel Temperature (TCH)
275 °C
Drain Current (ID1), Top or Bottom
500 mA
Drain Current (ID2), Top or Bottom
500 mA
Drain Current (ID3), Top and Bottom
2 A
Forward Gate Current (IG1), Top or Bottom
3 mA
Forward Gate Current (IG2), Top or Bottom
12 mA
Forward Gate Current (IG3), Top and Bottom
48 mA
Reference Power Detect (Iref)
4 mA
Power Detect Diode (Idet)
4 mA
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions 
(1)
Min
Typ
Max
Units
Operational Frequency Range
17
20
GHz
Small Signal Gain
27
dB
Input Return Loss
17
dB
Output Return Loss
10
dB
Output Power at Saturation, Psat
41
dBm
Power Added Efficiency, PAE
Pin = 12 dBm, 17.7 GHz
Pin = 12 dBm, 18.5 GHz
Pin = 12 dBm, 19.7 GHz
34
34
28
%
Third Order Intermodulation, IM3
Pout = +34 dBm/tone
−25
dBc
Gain Temperature Coefficient
Tdiff = (85 – (−40)) °C
−0.054
dB/°C
Power Temperature Coefficient
Tdiff = (85 – (−40)) °C, Pin = +5 dBm
−0.041
dBm/°C
Notes:
1.
Test conditions unless otherwise noted: VD1 = VD2 = VD3 = 28V, ID1 + ID2 + ID3 = 300mA, VG1 = VG2 = VG3 = −2.6V typical,
Temp = +25 °C, Z0 = 50 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com