Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9000EBZ Datasheet(PDF) 34 Page - Analog Devices

Part # EVAL-ADE9000EBZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9000EBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button EVAL-ADE9000EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 33 of 72
The SELFREQ bit in the ACCMODE register selects whether
the network is 50 Hz or 60 Hz. Then, the UPERIOD_SEL bit in
the CONFIG2 register selects whether to use a measured line
period or a user configured value in the USER_PERIOD
register to set the number of samples used in the calculation.
An offset correction register is available for improved
performance with small input signal levels, xRMS1012OS. The
xRMS1012 register reading with full-scale inputs is 52,702,092d.
The signal chain is shown in Figure 70.
Dip and Swell Indication
The ADE9000 monitors rms½ value on voltage channels to
determine a dip and swell event. If the voltage goes below a
threshold specified in the DIP_LVL register for a user configured
number of half cycles in the DIP_CYC register, the corresponding
DIPA, DIPB, and DIPC bits are set in the STATUS1 register.
The minimum rms½ value measured during the dip is stored in
the corresponding DIPA, DIPB, and DIPC registers.
Similarly, if the voltage goes above a threshold specified in the
SWELL_LVL register for a user configured number of half
cycles in the SWELL_CYC register, the corresponding SWELLA,
SWELLB, and SWELLC bits are set in the STATUS1 register.
The maximum rms½ value measured during the dip is stored in
the corresponding SWELLA, SWELLB, and SWELLC registers.
The dip and swell event generates an interrupt on the IRQ1 pin and
also generates an event on the CF4/EVENT/DREADY pin.
Overcurrent Indication
The ADE9000 monitors the rms½ value on current channels to
determine overcurrent events. If a rms½ current is greater than
the user configured threshold in the OILVL register, the OI bit
in the STATUS1 register is set. The overcurrent event generates
an interrupt on the IRQ1 pin.
The OC_EN bits in the CONFIG3 register select which phases
to monitor for overcurrent events. The OIPHASE bits in the
OISTATUS register indicate which current channels exceeded
the threshold. The overcurrent value is stored in the
corresponding OIA, OIB, or OIC registers.
Peak Detection
The ADE9000 records the peak value measured on the current
and voltage channels from the xI_PCF and xV_PCF waveforms.
The PEAKSEL bits in the CONFIG3 register allow the user to
select which phases to monitor.
The IPEAK register stores the peak current value in the
IPEAKVAL bits and indicates which phase currents reached the
value in the IPPHASE bits. IPEAKVAL is equal to xI_PCF/25.
Similarly, VPEAK stores the peak voltage value in the VPEAKVAL
bits. VPEAKVAL is equal to xV_PCF/25. After a read, the VPEAK
and IPEAK registers reset.
Power Factor
The power factor calculation, one for each channel (APF, BPF,
and CPF), is updated every 1.024 sec.
The sign of the APF calculation follows the sign of AWATT. To
determine if power factor is leading or lagging, refer to the sign
of the total or fundamental reactive energy and the sign of the
xPF or xWATT value, as indicated in Figure 71.
CAPACITIVE:
CURRENT LEADS
VOLTAGE
INDUCTIVE:
CURRENT LAGS
VOLTAGE
WATT
90° LAGGING
INDUCTIVE:
CURRENT LAGS
VOLTAGE
CAPACITIVE:
CURRENT LEADS
VOLTAGE
WATT (–)
VAR (+)
QUADRANT II
WATT (+)
VAR (+)
QUADRANT I
WATT (–)
VAR (–)
QUADRANT III
WATT (+)
VAR (–)
QUADRANT IV
WATT(+) INDICATES POWER RECEIVED (IMPORTED FROM GRID)
WATT(–) INDICATES POWER DELIVERED (EXPORTED TO GRID)
θ2 = 60°
θ1 = –30°
POWER FACTOR 1
= 0.866 CAP
POWER FACTOR 2
= 0.5 IND
Figure 71. Active Power and VAR Sign for Capacitive and Inductive Loads
The power factor result is stored in 5.27 format. The highest
power factor value is 0x07FF FFFF, which corresponds to a power
factor of 1. A power factor of −1 is stored as 0xF800 0000. To
determine the power factor from the xPF register value, use the
following equation:
Power Factor = xPF × 2−27
Total Harmonic Distortion (THD)
A THD calculation is available on the IA, IB, IC, VA, VB, and
VC channels in the AITHD, BITHD, CITHD, AVTHD,
BVTHD, and CVTHD registers, respectively. THD updates
once every second.
The THD calculation is stored in signed 5.27 format. The
highest THD value is 0x2000 0000, which corresponds to a
THD of 400%. To calculate the THD value as a percentage, use
the following equation:
%THD on Current Channel A = AITHD × 2−27 × 100%
Resampling 128 Points per Cycle
The ADE9000 resamples the input data to provide 128 points
per line cycle, independent of the input line frequency. The
resampled data is available for all current channels and voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com