Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9000EBZ Datasheet(PDF) 48 Page - Analog Devices

Part # EVAL-ADE9000EBZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9000EBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button EVAL-ADE9000EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 47 of 72
Address
Name
Description
Reset
Access
0x4A4
CONFIG5
Configuration Register 5.
0x0063
R/W
0x4A8
CRC_RSLT
This register holds the CRC of the configuration registers.
0x0000
R
0x4A9
CRC_SPI
This register holds the 16-bit CRC of the data sent out on the MOSI pin during the
last SPI register read.
0x0000
R
0x4AC
LAST_DATA_16
This register holds the data read or written during the last 16-bit transaction on
the SPI port.
0x0000
R
0x4AE
LAST_CMD
This register holds the address and read/write operation request (CMD_HDR) for
the last transaction on the SPI port.
0x0000
R
0x4AF
CONFIG2
Configuration Register 2.
0x0C00
R/W
0x4B0
EP_CFG
Energy and power accumulation configuration.
0x0000
R/W
0x4B1
PWR_TIME
Power update time configuration.
0x00FF
R/W
0x4B2
EGY_TIME
Energy accumulation update time configuration.
0x00FF
R/W
0x4B4
CRC_FORCE
This register forces an update of the CRC of configuration registers.
0x0000
R/W
0x4B5
CRC_OPTEN
This register selects which registers are optionally included in the configuration
register CRC feature.
0x0000
R/W
0x4B6
TEMP_CFG
Temperature sensor configuration register.
0x0000
R/W
0x4B7
TEMP_RSLT
Temperature measurement result.
0x0000
R
0x4B9
PGA_GAIN
This register configures the PGA gain for each ADC.
0x0000
R/W
0x4BA
CHNL_DIS
ADC channel enable/disable.
0x0000
R/W
0x4BF
WR_LOCK
This register enables the configuration lock feature.
0x0000
R/W
0x4E0
VAR_DIS
Enables/disables total reactive power calculation.
0x0000
R/W
0x4F0
RESERVED1
This register is reserved.
0x0000
R
0x4FE
Version
Version of ADE9000 IC. Use Logical AND 16-bit value with 0xFFC0 to obtain the
current version. The current version is 0x00C0
0x00FE
R
0x500
AI_SINC_DAT
Current channel A ADC waveforms from the sinc4 output at 32 kSPS.
0x00000000
R
0x501
AV_SINC_DAT
Voltage channel A ADC waveforms from the sinc4 output at 32 kSPS.
0x00000000
R
0x502
BI_SINC_DAT
Current channel B ADC waveforms from the sinc4 output at 32 kSPS.
0x00000000
R
0x503
BV_SINC_DAT
Voltage channel B ADC waveforms from the sinc4 output at 32 kSPS.
0x00000000
R
0x504
CI_SINC_DAT
Current channel C ADC waveforms from the sinc4 output at 32 kSPS.
0x00000000
R
0x505
CV_SINC_DAT
Voltage channel C ADC waveforms from the sinc4 output at 32 kSPS.
0x00000000
R
0x506
NI_SINC_DAT
Neutral current channel ADC waveforms from the sinc4 output at 32 kSPS.
0x00000000
R
0x510
AI_LPF_DAT
Current channel A ADC waveforms from the sinc4 + IIR LPF output at 8 kSPS.
0x00000000
R
0x511
AV_LPF_DAT
Voltage channel A ADC waveforms from the sinc4 + IIR LPF output at 8 kSPS.
0x00000000
R
0x512
BI_LPF_DAT
Current channel B ADC waveforms from the sinc4 + IIR LPF output at 8 kSPS.
0x00000000
R
0x513
BV_LPF_DAT
Voltage channel B ADC waveforms from the sinc4 + IIR LPF output at 8 kSPS.
0x00000000
R
0x514
CI_LPF_DAT
Current channel C ADC waveforms from the sinc4 + IIR LPF output at 8 kSPS.
0x00000000
R
0x515
CV_LPF_DAT
Voltage channel C ADC waveforms from the sinc4 + IIR LPF output at 8 kSPS.
0x00000000
R
0x516
NI_LPF_DAT
Neutral current channel ADC waveforms from the sinc4 + IIR LPF output at 8 kSPS.
0x00000000
R
0x600
AV_PCF_1
SPI burst read accessible. Registers organized functionally. See AV_PCF.
0x00000000
R/W
0x601
BV_PCF_1
SPI burst read accessible. Registers organized functionally. See BV_PCF.
0x00000000
R/W
0x602
CV_PCF_1
SPI burst read accessible. Registers organized functionally. See CV_PCF.
0x00000000
R/W
0x603
NI_PCF_1
SPI burst read accessible. Registers organized functionally. See NI_PCF.
0x00000000
R/W
0x604
AI_PCF_1
SPI burst read accessible. Registers organized functionally. See AI_PCF.
0x00000000
R/W
0x605
BI_PCF_1
SPI burst read accessible. Registers organized functionally. See BI_PCF.
0x00000000
R/W
0x606
CI_PCF_1
SPI burst read accessible. Registers organized functionally. See CI_PCF.
0x00000000
R/W
0x607
AIRMS_1
SPI burst read accessible. Registers organized functionally. See AIRMS.
0x00000000
R/W
0x608
BIRMS_1
SPI burst read accessible. Registers organized functionally. See BIRMS.
0x00000000
R/W
0x609
CIRMS_1
SPI burst read accessible. Registers organized functionally. See CIRMS.
0x00000000
R/W
0x60A
AVRMS_1
SPI burst read accessible. Registers organized functionally. See AVRMS.
0x00000000
R/W
0x60B
BVRMS_1
SPI burst read accessible. Registers organized functionally. See BVRMS.
0x00000000
R/W
0x60C
CVRMS_1
SPI burst read accessible. Registers organized functionally. See CVRMS.
0x00000000
R/W
0x60D
NIRMS_1
SPI burst read accessible. Registers organized functionally. See NIRMS.
0x00000000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com