Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9000EBZ Datasheet(PDF) 65 Page - Analog Devices

Part # EVAL-ADE9000EBZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9000EBZ Datasheet(HTML) 65 Page - Analog Devices

Back Button EVAL-ADE9000EBZ Datasheet HTML 61Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 62Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 64Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 67Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 68Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 64 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x472 PART_ID
[31:21] RESERVED
Reserved.
0x0
R
20
ADE9000_ID
This bit is set to identify an ADE9000 IC.
0x1
R
[19:0]
RESERVED
Reserved.
0x0
R
0x474 TEMP_TRIM
[31:16] TEMP_OFFSET
Offset of temperature sensor, calculated during
the manufacturing process.
0x0
R/W
[15:0]
TEMP_GAIN
Gain of temperature sensor, calculated during
the manufacturing process.
0x0
R/W
0x481 CONFIG1
15
EXT_REF
Set this bit if using an external voltage reference. 0x0
R/W
[14:13] RESERVED
Reserved.
0x0
R
12
IRQ0_ON_IRQ1
Set this bit to combine all the interrupts onto a
single interrupt pin, IRQ1, instead of using two
pins, IRQ0 and IRQ1. Note that the IRQ0 pin still
indicates the enabled IRQ0 events while in this
mode and the IRQ1pin indicates both IRQ1 and
IRQ0 events.
0x0
R/W
11
BURST_EN
Set this bit to enable burst read functionality on
the registers from Address 0x500 to Address 0x63C
or Address 0x680 to Address 0x6BC. Note that this
bit disables the CRC being appended to SPI
register reads.
0x0
R/W
10
DIP_SWELL_IRQ_MODE
Set interrupt mode for dip/swell.
0x0
R/W
0 Receive continuous interrupts after every
DIP_CYC/SWELL_CYC cycles.
1 Receive one interrupt when entering dip/swell
mode and another interrupt when exiting
dip/swell mode.
[9:8]
PWR_SETTLE
These bits configure the time for the power and
filter-based rms measurements to settle before
starting the power, energy, and CF accumulations.
0x0
R/W
0: 64 ms.
1: 128 ms.
2: 256 ms.
3: 0 ms.
[7:6]
RESERVED
Reserved.
0x0
R
5
CF_ACC_CLR
Set this bit to clear the accumulation in the digital
to frequency converter and the CFDEN counter.
Note that this bit automatically clears itself.
0x0
W
4
RESERVED
Reserved.
0x0
R
[3:2]
CF4_CFG
These bits select which function to output on
the CF4 pin.
0x0
R/W
00 CF4, from digital to frequency converter.
01 CF4, from digital to frequency converter.
10 EVENT.
11 DREADY.
1
CF3_CFG
This bit selects which function to output on the
CF3 pin.
0x0
R/W
0 CF3, from digital to frequency converter.
1 Zero-crossing output selected by the ZX_SEL bits
in the ZX_LP_SEL register.
0
SWRST
Set this bit to initiate a software reset. Note that
this bit is self clearing.
0x0
W1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com