Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9000EBZ Datasheet(PDF) 57 Page - Analog Devices

Part # EVAL-ADE9000EBZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9000EBZ Datasheet(HTML) 57 Page - Analog Devices

Back Button EVAL-ADE9000EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 56 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
4
RFNOLOAD
This bit is set when one or more phase
fundamental reactive energy enters or exits the
no load condition. The phase is indicated in the
PHNOLOAD register.
0x0
R/W1
3
AFNOLOAD
This bit is set when one or more phase
fundamental active energy enters or exits the no
load condition. The phase is indicated in the
PHNOLOAD register.
0x0
R/W1
2
VANLOAD
This bit is set when one or more phase total
apparent energy enters or exits the no load
condition. The phase is indicated in the
PHNOLOAD register.
0x0
R/W1
1
RNLOAD
This bit is set when one or more phase total
reactive energy enters or exits the no load
condition. The phase is indicated in the
PHNOLOAD register.
0x0
R/W1
0
ANLOAD
This bit is set when one or more phase total
active energy enters or exits the no load
condition. The phase is indicated in the
PHNOLOAD register.
0x0
R/W1
0x404 EVENT_STATUS [31:17] RESERVED
Reserved.
0x0
R
16
DREADY
This bit changes from a zero to a one when new
waveform samples are ready. The update rate
depends on the data selected in the WF_SRC
bits in the WFB_CFG register.
0x0
R
15
VAFNOLOAD
This bit is set when the fundamental apparent
energy accumulations in all phases are out of no
load. This bit goes to zero when one or more
phases of total apparent energy accumulation
goes into no load.
0x0
R
14
RFNOLOAD
This bit is set when the fundamental reactive
energy accumulations in all phases are out of no
load. This bit goes to zero when one or more
phases of fundamental reactive energy
accumulation goes into no load.
0x0
R
13
AFNOLOAD
This bit is set when the fundamental active
energy accumulations in all phases are out of no
load. This bit goes to zero when one or more
phases of fundamental active energy
accumulation goes into no load.
0x0
R
12
VANLOAD
This bit is set when the total apparent energy
accumulations in all phases are out of no load.
This bit goes to zero when one or more phases
of total apparent energy accumulation goes into
no load.
0x0
R
11
RNLOAD
This bit is set when the total reactive energy
accumulations in all phases are out of no load.
This bit goes to zero when one or more phases
of total reactive energy accumulation goes into
no load.
0x0
R
10
ANLOAD
This bit is set when the total active energy
accumulations in all phases are out of no load.
This bit goes to zero when one or more phases
of total active energy accumulation goes into no
load.
0x0
R
9
REVPSUM4
This bit indicates the sign of the last CF4 pulse. A
zero indicates that the pulse was from negative
energy and a one indicates that the energy was
positive. This bit is updated when a CF4 pulse is
output, when the CF4 pin goes from high to low.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com