Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9000EBZ Datasheet(PDF) 70 Page - Analog Devices

Part # EVAL-ADE9000EBZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9000EBZ Datasheet(HTML) 70 Page - Analog Devices

Back Button EVAL-ADE9000EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 67Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 68Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 69Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 70Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 71Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 72Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 73Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 69 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x4AF CONFIG2
[15:13] RESERVED
Reserved.
0x0
R
12
UPERIOD_SEL
Set this bit to use a user configured line period,
in USER_PERIOD, for the VRMS½, 10 cycle rms/
12 cycle rms and resampling calculation. If this
bit is clear, the phase voltage line period selected
by the LP_SEL[1:0] bits in the ZX_LP_SEL register
is used.
0x0
R/W
[11:9]
HPF_CRN
High-pass filter corner (f3dB) enabled when the
HPFDIS bit in the CONFIG0 register is equal to zero.
0x6
R/W
000 77.39 Hz.
001 39.275 Hz.
010 19.79 Hz.
011 9.935 Hz.
100 4.98 Hz.
101 2.495 Hz.
110 1.25 Hz.
111 0.625 Hz.
[8:0]
RESERVED
Reserved.
0x0
R
0x4B0 EP_CFG
[15:13] NOLOAD_TMR
This register configures how many 8 kSPS
samples to evaluate the no load condition over.
0x0
R/W
000 64 samples.
001 128 samples.
010 256 samples.
011 512 samples.
100 1024 samples.
101 2048 samples.
110 4096 samples.
111 Disable no load threshold.
[12:8]
RESERVED
Reserved.
0x0
R
7
PWR_SIGN_SEL[1]
Selects whether the REVRPx bit follows the sign
of the total or fundamental reactive power.
0x0
R/W
0 Total reactive power.
1 Fundamental reactive power.
6
PWR_SIGN_SEL[0]
Selects whether the REVAPx bit follows the sign
of the total or fundamental active power.
0x0
R/W
0 Total active power.
1 Fundamental active power.
5
RD_RST_EN
Set this bit to enable the energy register read
with reset feature. If this bit is set, when one of
the xWATTHR, xVAHR, xVARH, xFWATTHR,
xFVAHR, and xFVARHR register is read, it is reset
and begins accumulating energy from zero.
0x0
R/W
4
EGY_LD_ACCUM
If this bit is equal to zero, the internal energy
register is added to the user accessible energy
register. If the bit is set, the internal energy
register overwrites the user accessible energy
register when the EGYRDY event occurs.
0x0
R/W
[3:2]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com