Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9000EBZ Datasheet(PDF) 46 Page - Analog Devices

Part # EVAL-ADE9000EBZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9000EBZ Datasheet(HTML) 46 Page - Analog Devices

Back Button EVAL-ADE9000EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 45 of 72
Address
Name
Description
Reset
Access
0x387
CFVARHR_HI
Phase C accumulated fundamental reactive energy, MSB. Updated according to
the settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x38F
CFVA_ACC
Phase C accumulated fundamental apparent power, updated after PWR_TIME
8 kSPS samples.
0x00000000
R
0x390
CFVAHR_LO
Phase C accumulated fundamental apparent energy, LSB. Updated according to
the settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x391
CFVAHR_HI
Phase C accumulated fundamental apparent energy, MSB. Updated according to
the settings in the EP_CFG and EGY_TIME registers.
0x00000000
R
0x397
PWATT_ACC
Accumulated positive total active power, MSB, from AWATT, BWATT, and CWATT
registers, updated after PWR_TIME 8 kSPS samples.
0x00000000
R
0x39B
NWATT_ACC
Accumulated Negative total active power, MSB, from AWATT, BWATT, and CWATT
registers, updated after PWR_TIME 8 kSPS samples.
0x00000000
R
0x39F
PVAR_ACC
Accumulated positive total reactive power, MSB, from AVAR, BVAR, and CVAR
registers, updated after PWR_TIME 8 kSPS samples.
0x00000000
R
0x3A3
NVAR_ACC
Accumulated Negative total reactive power, MSB, from AVAR, BVAR, and CVAR
registers, updated after PWR_TIME 8 kSPS samples.
0x00000000
R
0x400
IPEAK
Current peak register.
0x00000000
R
0x401
VPEAK
Voltage peak register.
0x00000000
R
0x402
STATUS0
Status Register 0.
0x00000000
R/W
0x403
STATUS1
Status Register 1.
0x00000000
R/W
0x404
EVENT_STATUS
Event status register.
0x00000000
R
0x405
MASK0
Interrupt Enable Register 0.
0x00000000
R/W
0x406
MASK1
Interrupt Enable Register 1.
0x00000000
R/W
0x407
EVENT_MASK
Event enable register.
0x00000000
R/W
0x409
OILVL
Over current detection threshold level.
0x00FFFFFF
R/W
0x40A
OIA
Phase A overcurrent rms½ value. If a phase is enabled, with the OC_ENA bit set in
the CONFIG3 register and AIRMSONE greater than the OILVL threshold, this value
is updated.
0x00000000
R
0x40B
OIB
Phase B overcurrent rms½ value. If a phase is enabled, with the OC_ENB bit set in
the CONFIG3 register and BIRMSONE greater than the OILVL threshold, this value
is updated.
0x00000000
R
0x40C
OIC
Phase C overcurrent rms½ value. If a phase is enabled, with the OC_ENC bit set in
the CONFIG3 register and CIRMSONE greater than the OILVL threshold, this value
is updated.
0x00000000
R
0x40D
OIN
Neutral current overcurrent rms½ value. If enabled, with the OC_ENN bit set in
the CONFIG3 register and NIRMSONE greater than the OILVL threshold, this value
is updated.
0x00000000
R
0x40E
USER_PERIOD
User configured line period value used for resampling, fast rms½ and 10 cycle rms/
12 cycle rms when the UPERIOD_SEL bit in the CONFIG2 register is set.
0x00500000
R/W
0x40F
VLEVEL
Register used in the algorithm that computes the fundamental active, reactive,
and apparent powers as well as the fundamental IRMS and VRMS values.
0x00045D45
R/W
0x410
DIP_LVL
Voltage RMS½ dip detection threshold level.
0x00000000
R/W
0x411
DIPA
Phase A voltage rms½ value during a dip condition.
0x007FFFFF
R
0x412
DIPB
Phase B voltage rms½ value during a dip condition.
0x007FFFFF
R
0x413
DIPC
Phase C voltage rms½ value during a dip condition.
0x007FFFFF
R
0x414
SWELL_LVL
Voltage rms½ swell detection threshold level.
0x00FFFFFF
R/W
0x415
SWELLA
Phase A voltage rms½ value during a swell condition.
0x00000000
R
0x416
SWELLB
Phase B voltage rms½ value during a swell condition.
0x00000000
R
0x417
SWELLC
Phase C voltage rms½ value during a swell condition.
0x00000000
R
0x418
APERIOD
Line period on Phase A voltage.
0x00A00000
R
0x419
BPERIOD
Line period on Phase B voltage.
0x00A00000
R
0x41A
CPERIOD
Line period on Phase C voltage.
0x00A00000
R
0x41B
COM_PERIOD
Line period measurement on combined signal from Phase A, Phase B, and
Phase C voltages.
0x00A00000
R
0x41C
ACT_NL_LVL
No load threshold in the total and fundamental active power datapath.
0x0000FFFF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com