Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9000EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # EVAL-ADE9000EBZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9000EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button EVAL-ADE9000EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 41 of 72
Address
Name
Description
Reset
Access
0x04E
CPGAIN
Phase C power gain adjust for the CWATT, CVA, CVAR, CFWATT, CFVA, and CFVAR
calculations.
0x00000000
R/W
0x04F
CWATTOS
Phase C total active power offset correction for the CWATT calculation.
0x00000000
R/W
0x050
CVAROS
Phase C total reactive power offset correction for the CVAR calculation.
0x00000000
R/W
0x051
CFWATTOS
Phase C fundamental active power offset correction for the CFWATT calculation.
0x00000000
R/W
0x052
CFVAROS
Phase C fundamental reactive power offset correction for the CFVAR calculation.
0x00000000
R/W
0x053
CIFRMSOS
Phase C current rms offset for the fundamental current rms CIFRMS calculation.
0x00000000
R/W
0x054
CVFRMSOS
Phase C voltage rms offset for the fundamental voltage rms CVFRMS calculation.
0x00000000
R/W
0x055
CVRMSONEOS
Phase C voltage rms offset for the fast rms½ CVRMSONE calculation.
0x00000000
R/W
0x056
CIRMSONEOS
Phase C current rms offset for the fast rms½ CIRMSONE calculation.
0x00000000
R/W
0x057
CVRMS1012OS
Phase C voltage rms offset for the 10 cycle rms/12 cycle rms CVRMS1012 calculation.
0x00000000
R/W
0x058
CIRMS1012OS
Phase C current rms offset for the 10 cycle rms/12 cycle rms CIRMS1012 calculation.
0x00000000
R/W
0x060
CONFIG0
Configuration Register 0.
0x00000000
R/W
0x061
MTTHR_L0
Multipoint phase/gain threshold. If MTEN = 1 in the CONFIG0 register, the
MTGNTHR_Lx and MTGNTHR_Hx registers set up the ranges in which to apply
each set of corrections, allowing hysteresis. See the Multipoint Phase and Gain
Calibration section for more information.
0x00000000
R/W
0x062
MTTHR_L1
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x063
MTTHR_L2
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x064
MTTHR_L3
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x065
MTTHR_L4
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x066
MTTHR_H0
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x067
MTTHR_H1
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x068
MTTHR_H2
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x069
MTTHR_H3
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x06A
MTTHR_H4
Multipoint phase/gain threshold. See MTTHR_L0 for more information.
0x00000000
R/W
0x06B
NIRMSOS
Neutral current rms offset for the NIRMS calculation.
0x00000000
R/W
0x06C
ISUMRMSOS
Offset correction for the ISUMRMS calculation based on the sum of IA + IB + IC ± IN.
0x00000000
R/W
0x06D
NIGAIN
Neutral current gain adjust.
0x00000000
R/W
0x06E
NPHCAL
Neutral current phase compensation.
0x00000000
R/W
0x06F
NIRMSONEOS
Neutral current rms offset for the fast rms½ NIRMSONE calculation.
0x00000000
R/W
0x070
NIRMS1012OS
Neutral current rms offset for the 10 cycle rms/12 cycle rms NIRMS1012 calculation.
0x00000000
R/W
0x071
VNOM
Nominal phase voltage rms used in the computation of apparent power, xVA,
when the VNOMx_EN bit is set in the CONFIG0 register.
0x00000000
R/W
0x072
DICOEFF
Value used in the digital integrator algorithm. If the integrator is turned on, with
INTEN or ININTEN equal to one in the CONFIG0 register, it is recommended to set
this value to 0xFFFFE000.
0x00000000
R/W
0x073
ISUMLVL
Threshold to compare ISUMRMS against. Configure this register to receive a
MISMTCH indication in STATUS0 if ISUMRMS exceeds this threshold.
0x00000000
R/W
0x20A
AI_PCF
Instantaneous Phase A current channel waveform processed by the DSP at 8 kSPS.
0x00000000
R
0x20B
AV_PCF
Instantaneous Phase A voltage channel waveform processed by the DSP at 8 kSPS.
0x00000000
R
0x20C
AIRMS
Phase A filter-based current rms value, updates at 8 kSPS.
0x00000000
R
0x20D
AVRMS
Phase A filter-based voltage rms value, updates at 8 kSPS.
0x00000000
R
0x20E
AIFRMS
Phase A current fundamental rms, updates at 8 kSPS.
0x00000000
R
0x20F
AVFRMS
Phase A voltage fundamental RMS, updates at 8 kSPS.
0x00000000
R
0x210
AWATT
Phase A low-pass filtered total active power, updated at 8 kSPS.
0x00000000
R
0x211
AVAR
Phase A low-pass filtered total reactive power, updated at 8 kSPS.
0x00000000
R
0x212
AVA
Phase A total apparent power, updated at 8 kSPS.
0x00000000
R
0x213
AFWATT
Phase A fundamental active power, updated at 8 kSPS.
0x00000000
R
0x214
AFVAR
Phase A fundamental reactive power, updated at 8 kSPS.
0x00000000
R
0x215
AFVA
Phase A fundamental apparent power, updated at 8 kSPS.
0x00000000
R
0x216
APF
Phase A power factor, updated every 1.024 sec.
0x00000000
R
0x217
AVTHD
Phase A voltage THD, updated every 1.024 sec.
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com