Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9000EBZ Datasheet(PDF) 58 Page - Analog Devices

Part # EVAL-ADE9000EBZ
Description  High Performance, Multiphase Energy Power Quality Monitoring IC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9000EBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button EVAL-ADE9000EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 55Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 61Page - Analog Devices EVAL-ADE9000EBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
Data Sheet
ADE9000
Rev. A | Page 57 of 72
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
8
REVPSUM3
This bit indicates the sign of the last CF3 pulse. A
zero indicates that the pulse was from negative
energy and a one indicates that the energy was
positive. This bit is updated when a CF3 pulse is
output, when the CF3 pin goes from high to low.
0x0
R
7
REVPSUM2
This bit indicates the sign of the last CF2 pulse. A
zero indicates that the pulse was from negative
energy and a one indicates that the energy was
positive. This bit is updated when a CF2 pulse is
output, when the CF2 pin goes from high to low.
0x0
R
6
REVPSUM1
This bit indicates the sign of the last CF1 pulse. A
zero indicates that the pulse was from negative
energy and a one indicates that the energy was
positive. This bit is updated when a CF1 pulse is
output, when the CF1 pin goes from high to low.
0x0
R
5
SWELLC
This bit is equal to one when the Phase C
voltage is in the swell condition and is zero
when it is not in a swell condition.
0x0
R
4
SWELLB
This bit is equal to one when the Phase B voltage
is in the swell condition and is zero when it is not
in a swell condition.
0x0
R
3
SWELLA
This bit is equal to one when the Phase A
voltage is in the swell condition and is zero
when it is not in a swell condition.
0x0
R
2
DIPC
This bit is equal to one when the Phase C
voltage is in the dip condition and is zero when
it is not in a dip condition.
0x0
R
1
DIPB
This bit is equal to one when the Phase B voltage
is in the dip condition and is zero when it is not
in a dip condition
0x0
R
0
DIPA
This bit is equal to one when the Phase A
voltage is in the dip condition and is zero when
it is not in a dip condition.
0x0
R
0x405 MASK0
[31:26] RESERVED
Reserved.
0x0
R
25
TEMP_RDY_MASK
Set this bit to enable an interrupt when a new
temperature measurement is available.
0x0
R/W
24
MISMTCH
Set this bit to enable an interrupt when there is a
change in the relationship between ISUMRMS
and ISUMLVL.
0x0
R/W
23
COH_WFB_FULL
Set this bit to enable an interrupt when the
waveform buffer is full with resampled data,
which is selected when WF_CAP_SEL = 0 in the
WFB_CFG register.
0x0
R/W
22
WFB_TRIG
Set this bit to enable an interrupt when one of
the events configured in WFB_TRIG_CFG occurs.
0x0
R/W
21
THD_PF_RDY
Set this bit to enable an interrupt when the THD
and power factor measurements are updated,
every 1.024 sec.
0x0
R/W
20
RMS1012RDY
Set this bit to enable an interrupt when the
10 cycle rms/12 cycle rms values are updated.
0x0
R/W
19
RMSONERDY
Set this bit to enable an interrupt when the fast
rms½ values are updated.
0x0
R/W
18
PWRRDY
Set this bit to enable an interrupt when the
power values in the xWATT_ACC, xVA_ACC,
xVAR_ACC, xFWATT_ACC, xFVA_ACC, and
xFVAR_ACC registers update, after PWR_TIME
8 kSPS samples.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com