Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879EK/R2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # PC33879EK/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879EK/R2 Datasheet(HTML) 4 Page - Motorola, Inc

  PC33879EK/R2 Datasheet HTML 1Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 2Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 3Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 4Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 5Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 6Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 7Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 8Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
33879
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
VDD Supply Voltage (Note 1)
VDD
-0.3 to 7.0
VDC
CS
, DI, DO, SCLK, IN5, IN6, and EN (Note 1)
–
-0.3 to 7.0
VDC
VPWR Supply Voltage (Note 1)
VPWR
-16 to 40
VDC
Output Clamp Energy (Note 2)
ECLAMP
50
mJ
ESD Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
VESD1
VESD2
±2000
±200
V
Storage Temperature
TSTG
-55 to 150
°C
Operating Case Temperature
TC
-40 to 125
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Maximum Junction Temperature
TJ
-40 to 150
°C
Power Dissipation (Note 5)
PD
1.7
W
Thermal Resistance
Junction-to-Ambient
Between the Die and the Exposed Die Pad
RθJA
RθJC
71
1.2
°C/W
Notes
1.
Exceeding these limits may cause malfunction or permanent damage to the device.
2.
Maximum output clamp energy capability at 150
°C junction temperature using single non-repetitive pulse method with I = 350 mA.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
4.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
5.
Maximum power dissipation at TA = 25°C with no heatsink used.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com