Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879EK/R2 Datasheet(PDF) 11 Page - Motorola, Inc

Part # PC33879EK/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879EK/R2 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button PC33879EK/R2 Datasheet HTML 7Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 8Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 9Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 10Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 11Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 12Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 13Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 14Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33879
11
Typical Electrical Characteristics
Figure 6. IPWR vs. Temperature
Figure 7. Sleep State IPWR vs. Temperature
Figure 8. Sleep State IPWR vs. VPWR
Figure 9. RDS(ON) vs. Temperature at 350 mA
Figure 10. RDS(ON) vs. VPWR at 350 mA
0
25
50
100
125
-40
75
-25
14
15
16
17
18
19
20
TA, Ambient Temperature (°C)
VPWR @ 18 V
0
25
50
100
125
-40
75
-25
Sleep State IPWR versus Temperature
2
4
6
8
10
12
14
TA Ambient Temperature
0
25
50
100
125
-40
75
-25
1
2
3
4
5
6
7
TA, Ambient Temperature (°C)
VPWR @ 13 V
510
15
20
25
0
20
40
60
80
100
120
140
VPWR
TA = 25°C
0
25
50
100
125
-40
75
-25
0.4
0.6
0.8
1.0
1.2
1.4
TA, Ambient Temperature (°C)
VPWR @ 13 V
High Side Drive
0.2
0.4
0.6
1.0
1.2
VPWR (V)
5
1015
2025
0
0.8
1.4
TA = 25°C
High Side Drive
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com