Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879EK/R2 Datasheet(PDF) 5 Page - Motorola, Inc

Part # PC33879EK/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879EK/R2 Datasheet(HTML) 5 Page - Motorola, Inc

  PC33879EK/R2 Datasheet HTML 1Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 2Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 3Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 4Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 5Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 6Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 7Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 8Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33879
5
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions of 3.1 V
≤ VDD ≤ 5.5 V, 5.5 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUT
Supply Voltage Range
Fully Operational
VPWR(fo)
5.5
–
26.5
V
Supply Current
IPWR(on)
–14
24
mA
Sleep State Supply Current
VDD or EN ≤ 0.8 V, VPWR = 13 V
IPWR(ss)
–2.0
5.0
µA
Sleep State Supply Current
EN
≤ 0.8 V, VDD = 5.5 V
IVDD(ss)
–2.0
5.0
µA
VPWR Overvoltage Shutdown Threshold Voltage
VPWR(OV)
27
28.5
32
V
VPWR Overvoltage Shutdown Hysteresis Voltage
VPWR(OV-hys)
0.2
1.5
2.5
V
VPWR Undervoltage Shutdown Threshold Voltage
VPWR(UV)
3.0
4.0
5.0
V
VPWR Undervoltage Shutdown Hysteresis Voltage
VPWR(UV-hys)
300
500
700
mV
Logic Supply Voltage
VDD
3.1
–
5.5
V
Logic Supply Current
IDD
250
400
700
µA
Logic Supply Sleep State Threshold Voltage
VDD(SS)
0.8
2.5
3.0
V
Logic Supply Sleep State Hysteresis (Note 6)
VDD(SS-hys)
0.3
–
1.5
V
Notes
6.
This parameter is guaranteed by design but is not production tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com