Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879EK/R2 Datasheet(PDF) 13 Page - Motorola, Inc

Part # PC33879EK/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879EK/R2 Datasheet(HTML) 13 Page - Motorola, Inc

Back Button PC33879EK/R2 Datasheet HTML 9Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 10Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 11Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 12Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 13Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 14Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 15Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 16Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33879
13
SYSTEM/APPLICATION INFORMATION
FUNCTIONAL PIN DESCRIPTION
CS Pin
The system MCU selects the 33879 with which to
communicate through the use of the chip select CS pin. Logic
low on CS enables the data output (DO) driver and allows data
to be transferred from the MCU to the 33879 and vice versa.
Data clocked into the 33879 is acted upon on the rising edge of
CS
.
To avoid any spurious data, it is essential the high-to-low
transition of the CS signal occur only when SPI clock (SCLK) is
in a logic low state.
SCLK Pin
The SCLK pin clocks the internal shift registers of the 33879.
The serial data input (DI) pin is latched into the input shift
register on the falling edge of the SCLK. The serial data output
(DO) pin shifts data out of the shift register on the rising edge of
the SCLK signal. False clocking of the shift register must be
avoided to ensure validity of data. It is essential that the SCLK
pin be in a logic low state when the CS pin makes any transition.
For this reason, it is recommended the SCLK pin is commanded
to a logic low state when the device is not accessed (CS in logic
high state). With CS in a logic high state, signals present on
SCLK and DI are ignored and the DO output is tri-state.
DI Pin
The DI pin is used for serial instruction data input. DI
information is latched into the input register on the falling edge
of SCLK. A logic high state present on DI will program a specific
output on. The specific output will turn on with the rising edge of
the CS signal. Conversely, a logic low state present on the DI
pin will program the output off. The specific output will turn off
with the rising edge of the CS signal. To program the eight
outputs and Open Load Detection Current on or off, send the DI
data beginning with the Open Load Detection Current bits,
followed by output eight, output seven, and so on to output one.
For each falling edge of the SCLK while CS is logic low, a data
bit instruction (on or off) is loaded into the shift register per the
data bit DI state. Sixteen bits of entered information is required
to fill the input shift register.
DO Pin
The DO pin is the output from the shift register. The DO pin
remains tri-state until the CS pin is in a logic low state. All faults
on the 33879 device are reported as logic [1] through the DO
data pin. Regardless of the configuration of the driver, open
loads and shorted loads are reported as logic [1]. Conversely,
normal operating outputs with non-faulted loads are reported as
logic [0]. Outputs programmed with Open Load Detection
Current disabled will report logic [0] in the off state. The first
eight positive transitions of SCLK will report logic [0] followed by
the status of the eight output drivers. The DI/DO shifting of data
follows a first-in, first-out protocol with both input and output
words transferring the most significant bit (MSB) first.
EN Pin
The EN pin on the 33879 enables the device. With the EN pin
high, output drivers may be activated and open/short fault
detection performed and reported. With the EN pin low, all
outputs become inactive, Open Load Detection Current is
disabled, and the device enters sleep mode. The 33879 will
perform Power-ON Reset on rising edge of the enable signal.
IN5 and IN6 Pins
The IN5 and IN6 command inputs allow outputs five and six
to be used in PWM applications. The IN5 and IN6 pins are
OR-ed with the Serial Peripheral Interface (SPI) command input
bits. For SPI control of outputs five and six, the IN5 and IN6 pins
should be grounded or held low by the microprocessor. When
using IN5 or IN6 to PWM the output, the control SPI bit must be
logic [0]. Maximum PWM frequency for each output is 2.0 kHz.
VDD Pin
The VDD input pin is used to determine logic levels on the
microprocessor interface (SPI) pins. Current from VDD is used
to drive DO output and the pull-up current for CS. VDD must be
applied for normal mode operation. The 33879 device will
perform Power-ON Reset with the application of VDD.
VPWR Pin
The VPWR pin is battery input and Power-ON Reset to the
33879 IC. The VPWR pin has internal reverse battery protection.
All internal logic current is provided from the VPWR pin. The
33879 will perform Power-ON Reset with the application of
VPWR.
D1–D8 Pins
The D1 to D8 pins are the open-drain outputs of the 33879.
For high-side drive configurations, the drain pins are connected
to battery supply. In low-side drive configurations, the drain pins
are connected to the low side of the load. All outputs may be
configured individually as desired. When configured as low-side
drive, the 33879 limits the positive inductive transient to 45 V.
S1–S8 Pins
The S1 to S8 pins are the source outputs of the 33879. For
high-side drive configurations, the source pins are connected
directly to the load. In low-side drive configurations, the source
is connected to ground. All outputs may be configured
individually as desired. When high-side drive is used, the 33879
will limit the negative inductive transient to negative 20 V.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com