Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879EK/R2 Datasheet(PDF) 18 Page - Motorola, Inc

Part # PC33879EK/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879EK/R2 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button PC33879EK/R2 Datasheet HTML 12Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 13Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 14Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 15Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 16Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 17Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 18Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 19Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 20Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
33879
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
18
PACKAGE DIMENSIONS
EK (Pb-FREE) SUFFIX
DWB SUFFIX
32-LEAD SOIC WIDE BODY EXPOSED PAD
PLASTIC PACKAGE
CASE 1437-01
ISSUE O
NOTES:
1.
ALL DIMENSIONS ARE IN MILLIMETERS.
2.
DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
3.
DATUMS B AND C TO BE DETERMINED AT THE PLANE
WHERE THE BOTTOM OF THE LEADS EXIT THE
PLASTIC BODY.
4.
THIS DIMENSION DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURRS. MOLD FLASH,
PROTRUSION OR GATE BURRS SHALL NOT EXCEED
0.15 mm PER SIDE. THIS DIMENSION IS DETERMINED
AT THE PLANE WHERE THE BOTTOM OF THE LEADS
EXIT THE PLASTIC BODY.
5.
THIS DIMENSION DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSIONS. INTERLEAD FLASH AND
PROTRUSIONS SHALL NOT EXCEED 0.25 mm PER
SIDE. THIS DIMENSION IS DETERMINED AT THE
PLANE WHERE THE BOTTOM OF THE LEADS EXIT
THE PLASTIC BODY.
6.
THIS DIMENSION DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.4
mm PER SIDE. DAMBAR CANNOT BE LOCATED ON
THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSION AND ADJACENT LEAD
SHALL NOT LESS THAN 0.07 mm.
7.
EXACT SHAPE OF EACH CORNER IS OPTIONAL.
8.
THESE DIMENSIONS APPLY TO THE FLAT SECTION
OF THE LEAD BETWEEN 0.10 mm AND 0.3 mm FROM
THE LEAD TIP.
9.
THE PACKAGE TOP MAY BE SMALLER THAN THE
PACKAGE BOTTOM. THIS DIMENSION IS
DETERMINED AT THE OUTERMOST EXTREMES OF
THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE
BAR BURRS, GATE BURRS AND INTER-LEAD FLASH,
BUT INCLUDING ANY MISMATCH BETWEEN THE TOP
AND BOTTOM OF THE PLASTIC BODY.
CL
10.9
7.4
1
16
17
32
0.10
A
2.35
SEATING
PLANE
0.9
SECTION B-B
0.65
R0.08 MIN
B
A
PIN 1 ID
(0.29)
0.38
0.25
(0.203)
PLATING
BASE METAL
SECTION A-A
ROTATED 90 CLOCKWISE
°
8
0.19
0.22
9
5
0.13 M CA M B
6
A
C
7.6
11.1
9
4
10.3
5.15
A
32X
30X
2.65
0.3 A
2X 16 TIPS
B C
BB
0.1
0.0
0.5
0°
8°
0°
0.25
GAUGE PLANE
MIN
5.7
4.7
5.3
6.4
0.3 A B C
0.3 A B C
VIEW C-C
CC
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com