Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879EK/R2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # PC33879EK/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879EK/R2 Datasheet(HTML) 1 Page - Motorola, Inc

  PC33879EK/R2 Datasheet HTML 1Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 2Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 3Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 4Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 5Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 6Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 7Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 8Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Simplified Application Diagram
VBAT
M
VBAT
VPWR
33879
Low-Side Drive
GND
S3
S4
D1
D2
D3
D4
S1
S2
D5
D6
D7
D8
S7
S8
S5
S6
EN
DI
SCLK
CS
DO
IN5
IN6
MCU
A0
MOSI
SCLK
CS
MISO
PWM1
PWM2
VDD VPWR
+5.0 V
H-Bridge Configuration
VBAT
High-Side Drive
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains information on a product under development.
Motorola reserves the right to change or discontinue this product without notice.
© Motorola, Inc. 2004
Document order number: MC33879
Rev 3.0, 06/2004
33879
Preliminary Information
33879 Simplified Application Diagram
Configurable Octal Serial Switch
with Open Load Detect Current
Disable
The 33879 device is an 8-output hardware-configurable, high-side/low-side
switch with 16-bit serial input control. Two of the outputs may be controlled
directly via microprocessor for PWM applications. The 33879 incorporates
SMARTMOS technology, with CMOS logic, bipolar/MOS analog circuitry, and
DMOS power MOSFETs. The 33879 controls various inductive, incandescent,
or LED loads by directly interfacing with a microcontroller. The circuit’s
innovative monitoring and protection features include very low standby
currents, cascade fault reporting, internal +45 V clamp voltage for low-side
configuration, -20 V high-side configuration, output-specific diagnostics, and
independent overtemperature protection.
Features
• Designed to Operate 5.5 V < VPWR < 26.5 V
• 16-Bit SPI for Control and Fault Reporting, 3.3 V/5.0 V Compatible
• Outputs Are Current Limited (0.5 A to 1.0 A) to Drive Incandescent
Lamps
• Output Voltage Clamp, +45 V (Low Side) and -20 V (High Side) During
Inductive Switching
• On/Off Control of Open Load Detect Current (LED Application)
• Internal Reverse Battery Protection on VPWR
• Loss of Ground or Supply Will Not Energize Loads or Damage IC
• Maximum 5.0
µA IPWR Standby Current at 13.0 V VPWR
•RDS(ON) of 1.0 Ω at 25°C Typical
• Short Circuit Detect and Current Limit with Automatic Retry
• Independent Overtemperature Protection
• Motorola Now Offers Pb-Free Packaging with the Suffix EK
CONFIGURABLE OCTAL SERIAL
SWITCH WITH OPEN LOAD
DETECT CURRENT DISABLE
EK (Pb-FREE) SUFFIX
DWB SUFFIX
CASE 1437-01
32-LEAD SOICW-EP
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC33879DWB/R2
-40
°C to 125°C
32 SOICW-EP
PC33879EK/R2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33879EK/R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PC33813AE FREESCALE-PC33813AE Datasheet
2Mb / 54P
One Cylinder Small Engine Control IC
PC33814AE FREESCALE-PC33814AE Datasheet
2Mb / 50P
Two Cylinder Small Engine Control IC
PC33882EK FREESCALE-PC33882EK Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
PC33882R2 FREESCALE-PC33882R2 Datasheet
1Mb / 31P
Six Output Low Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
PC33887VW MOTOROLA-PC33887VW Datasheet
485Kb / 28P
5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - PC33879EK/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33880 MOTOROLA-MC33880 Datasheet
741Kb / 24P
CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
logo
Freescale Semiconductor...
33879 FREESCALE-33879 Datasheet
592Kb / 24P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880 Datasheet
601Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
33879 FREESCALE-33879_08 Datasheet
654Kb / 25P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33879 FREESCALE-33879_09 Datasheet
804Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
33880 FREESCALE-33880_09 Datasheet
1Mb / 25P
Configurable Octal Serial Switch
33879 FREESCALE-33879_12 Datasheet
645Kb / 23P
Configurable Octal Serial Switch with Open Load Detect Current Disable
logo
NXP Semiconductors
MC33879 NXP-MC33879 Datasheet
1,012Kb / 26P
Configurable octal serial switch with open load detect current disable
Rev. 11.0, 7/2016
MC33879 NXP-MC33879_V01 Datasheet
762Kb / 29P
Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.0 - 10 May 2022
MC33879 NXP-MC33879_V02 Datasheet
717Kb / 30P
Configurable Octal Serial Switch with Open Load Detect Current Disable
Rev. 12.1 - 11 May 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com