Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879EK/R2 Datasheet(PDF) 12 Page - Motorola, Inc

Part # PC33879EK/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879EK/R2 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button PC33879EK/R2 Datasheet HTML 8Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 9Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 10Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 11Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 12Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 13Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 14Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 15Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
33879
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
12
Typical Electrical Characteristics (continued)
Figure 11. Open Load Detection Current at Threshold
Figure 12. Open Load Detection Threshold vs.
Temperature
0
25
50
100
125
-40
75
-25
20
40
60
80
100
120
140
TA, Ambient Temperature (°C)
VPWR @ 16 V
5
1015
2025
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TA, Ambient Temperature (°C)
TA = 25°C
Open Load Detect Enabled
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com