Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33879EK/R2 Datasheet(PDF) 17 Page - Motorola, Inc

Part # PC33879EK/R2
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33879EK/R2 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button PC33879EK/R2 Datasheet HTML 12Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 13Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 14Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 15Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 16Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 17Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 18Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 19Page - Motorola, Inc PC33879EK/R2 Datasheet HTML 20Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33879
17
An output OFF open load fault is indicated when the drain-to-
source voltage is less than the output threshold voltage
(VOUT(flt-th)) of 2.5 V to 4.0 V. Hence, the 33879 will declare the
load open in the OFF state when the output drain-to-source
voltage is less than VOUT(flt-th).
This device has an internal 80
µA current source connected
from drain to source of the output MOSFET. The current source
may be programmed on or off via SPI. The Power-ON Reset
state for the current source is “off” and must be enabled via SPI.
To achieve low sleep mode quiescent currents, the Open Load
Detection Current source of each driver is switched off when
VDD or EN is removed.
During output switching, especially with capacitive loads, a
false output OFF open load fault may be triggered. To prevent
this false fault from being reported, an internal fault filter of
100
µs to 300 µs is incorporated. A false fault reporting is a
function of the load impedance, RDS(ON), COUT of the MOSFET,
as well as the supply voltage, VPWR. The rising edge of CS
triggers the built-in fault delay timer. The timer will time out
before the fault comparator is enabled and the fault is detected.
Once the condition causing the open load fault is removed, the
device will resume normal operation. The open load fault,
however, will be latched in the output DO register for the MCU
to read.
Shorted Load Fault
A shorted load (overcurrent) fault can be caused by any
output being shorted directly to supply, or an output
experiencing a current greater than the current limit.
There are two safety circuits progressively in operation
during load short conditions that provide system protection:
1. The device’s output current is monitored in an analog
fashion using SENSEFET approach and current limited.
2. The device’s output thermal limit is sensed and when
attained causes only the specific faulted output to shut
down. The output will remain off until cooled. The device
will then reassert the output automatically. The cycle will
continue until fault is removed or the command bit
instructs the output off. Shorted load faults will be
reported properly through SPI regardless of Open Load
Detection Current enable bits.
Undervoltage Shutdown
An undervoltage condition on VDD or VPWR will result in the
shutdown of all outputs. The VDD undervoltage threshold is
between 0.8 V and 3.0 V. VPWR undervoltage threshold is
between 3.0 V and 5.0 V. When the supplies fall below their
respective thresholds, all outputs are turned OFF. As both
supplies returns to normal levels, internal logic is reset and the
device resumes normal operation.
Output Voltage Clamp
Each output of the 33879 incorporates an internal voltage
clamp to provide fast turn-off and transient protection of each
output. Each clamp independently limits the drain-to-source
voltage to 45 V for low-side drive configurations and -20 V for
high-side drive configurations. The total energy clamped (EJ)
can be calculated by multiplying the current area under the
current curve (IA) times the clamp voltage (VCL) (see
Figure 16).
Characterization of the output clamps, using a single pulse
non-repetitive method at 0.35 A, indicates the maximum energy
per output to be 50 mJ at 150°C junction temperature.
Figure 16. Output Voltage Clamping
SPI Configurations
The SPI configuration on the 33879 device is consistent with
other devices in the Octal Serial Switch (OSS) family. This
device may be used in serial SPI or parallel SPI with the 33298
and 33291. Different SPI configurations may be provided. For
more information, contact Motorola Analog Products Division or
local Motorola representative.
Reverse Battery
The 33879 has been designed with reverse battery
protection on the VPWR pin.
All outputs consist of a power MOSFET with an integral
substrate diode. During the reverse battery condition, current
will flow through the load via the substrate diode. Under this
circumstance, relays may energize and lamps will turn on.
Where load reverse battery protection is desired, a reverse
battery blocking diode must be placed in series with the load.
Current
Area (IA)
Clamp Energy
(EJ = IA x VCL)
Clamp Energy
(EJ = IA x VCL)
Drain Voltage
Source Voltage
Time
Time
BAT
Drain-to-Source Clamp
Voltage (VCL = 45 V)
Drain Current
(ID = 0.3 A)
GND
GND
VS
Drain-to-Source ON
Voltage (VDS(ON))
Drain-to-Source ON
Voltage (VDS(ON))
Current
Area (IA)
Source Current
(IS = 0.3 A)
Source Clamp Voltage
(VCL = -15 V)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com