Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609ACSW Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1609ACSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609ACSW Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1609ACSW Datasheet HTML 5Page - Linear Technology LTC1609ACSW Datasheet HTML 6Page - Linear Technology LTC1609ACSW Datasheet HTML 7Page - Linear Technology LTC1609ACSW Datasheet HTML 8Page - Linear Technology LTC1609ACSW Datasheet HTML 9Page - Linear Technology LTC1609ACSW Datasheet HTML 10Page - Linear Technology LTC1609ACSW Datasheet HTML 11Page - Linear Technology LTC1609ACSW Datasheet HTML 12Page - Linear Technology LTC1609ACSW Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
LTC1609
1609fa
APPLICATIO S I FOR ATIO
the end of a conversion, the DAC output balances the VIN
input charge. The SAR contents (a 16-bit data word) that
represents the VIN are loaded into the 16-bit output shift
register.
Driving the Analog Inputs
The LTC1609 analog input ranges, along with the nominal
input impedances, are shown in Tables 1a and 1b. The
inputs are overvoltage protected to
±25V. The input im-
pedance can get as low as 10k
Ω, therefore, it should be
driven with a low impedance source. Wideband noise
coupling into the input can be minimized by placing a
1000pF capacitor at the input as shown in Figure 2. An
NPO-type capacitor gives the lowest distortion. Place the
capacitor as close to the device input pin as possible. If an
amplifier is to be used to drive the input, care should be
taken to select an amplifier with adequate accuracy, linear-
ity and noise for the application. The following list is a
summary of the op amps that are suitable for driving the
LTC1609. More detailed information is available in the
Linear Technology data books and LinearView
TM CD-ROM.
LT1363 - 50MHz voltage feedback amplifier. 6.3mA sup-
ply current. Good AC/DC specs.
LT1364/LT1365 - Dual and quad 50MHz voltage feedback
amplifiers. 6.3mA supply current per amplifier. Good
AC/DC specs.
LT1468 - 90MHz, 22V/
µs 16-bit accurate amplifier
LT1469 - Dual LT1468
Offset and Gain Adjustments
The LTC1609 is specified to operate with three unipolar
and three bipolar input ranges. Pins R1IN, R2IN and R3IN
are connected as shown in Tables 1a and 1b for the
different input ranges. The tables also list the nominal
input impedance for each range. Table 1c shows the
output codes for the ideal input voltages of each of the six
input ranges.
The LTC1609 offset and full-scale errors have been trimmed
at the factory with the external resistors shown in Figures
3a and 3b. This allows for external adjustment of offset and
full scale in applications where absolute accuracy is im-
portant. The offset and gain adjustment circuits for the six
input ranges are also shown in Figures 3a and 3b. To
adjust the offset for a bipolar input range, apply an input
voltage equal to – 0.5LSB where 1LSB = (+ FS – – FS)/
65536 and change the offset resistor so the output code is
changing between 1111 1111 1111 1111 and 0000 0000
0000 0000. The gain is trimmed by applying an input
voltage of + FS – 1.5LSB and adjusting the gain trim resis-
tor until the output code is changing between 0111 1111
1111 1110 and 0111 1111 1111 1111. In both cases the
data is in two’s complement format (SB/BTC = LOW)
To adjust the offset for a unipolar input range, apply an
input voltage equal to + 0.5LSB where 1LSB = + FS/65536.
Then adjust the offset trim resistor until the output code
changes between 0000 0000 0000 0000 and 0000 0000
0000 0001. To adjust the gain, apply an input voltage equal
to + FS – 1.5LSB and vary the gain trimming resistor until
the output code is changing between 1111 1111 1111 1110
and 1111 1111 1111 1111. In the unipolar case, the data
is in straight binary format (SB/BTC = HIGH). Figures 4a
and 4b show the transfer characteristics of the LTC1609.
R1IN
1000pF
AIN1
200
Ω
R2IN
1000pF
AIN2
100
Ω
LTC1609
R3IN
1000pF
AIN3
1609 F02
Figure 2. Analog Input Filtering
LT1007 - Low noise precision amplifier. 2.7mA supply
current
±5V to ±15V supplies. Gain bandwidth product
8MHz. DC applications.
LT1097 - Low cost, low power precision amplifier. 300
µA
supply current.
±5V to ±15V supplies. Gain bandwidth
product 0.7MHz. DC applications.
LT1227 - 140MHz video current feedback amplifier. 10mA
supply current.
±5V to ±15V supplies. Low noise and low
distortion.
LT1360 - 37MHz voltage feedback amplifier. 3.8mA sup-
ply current.
±5V to ±15V supplies. Good AC/DC specs.
LinearView is a trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com