Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609ACSW Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1609ACSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609ACSW Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1609ACSW Datasheet HTML 14Page - Linear Technology LTC1609ACSW Datasheet HTML 15Page - Linear Technology LTC1609ACSW Datasheet HTML 16Page - Linear Technology LTC1609ACSW Datasheet HTML 17Page - Linear Technology LTC1609ACSW Datasheet HTML 18Page - Linear Technology LTC1609ACSW Datasheet HTML 19Page - Linear Technology LTC1609ACSW Datasheet HTML 20Page - Linear Technology LTC1609ACSW Datasheet HTML 21Page - Linear Technology LTC1609ACSW Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC1609
1609fa
TAG0
TAG
DATA
SYNC
BUSY
R/C
CS
TAG1
TAG2
TAG3
TAG15
B1
B14
B13
B15
(MSB)
B0
TAG0
TAG1
TAG16
TAG17
TAG18
TAG19
1606 F12
t23
t24
t17
t18
t3
t2
t16
t15
t12
0
1
2
3
4
16
17
18
EXTERNAL
DATACLK
t13
t14
t12
t19
Figure 12. Conversion and Read Timing Using an External Data Clock (EXT/INT Tied High).
Read Previous Conversion Result During the Conversion. For Best Performance, Complete Read in Less Than 1.2
µs
APPLICATIO S I FOR ATIO
DATA
CS
R/C
DCLK
DCLK IN
R/C IN
CS IN
TAG
LTC1609
#2
DATA
CS
R/C
DCLK
TAG
DATA OUT
1609 F13
LTC1609
#1
Figure 13. Two LTC1609s Cascaded
Together Using the TAG Input
bit will be shifted out on the following clock pulse before
the MSB from device #2 becomes available (Figure 14).
The reason for this is the MSB from device #2 will not be
valid soon enough to meet the minimum setup time of
device #1’s TAG input. A minimum of 34 clock pulses are
needed to shift out the results from both LTC1609s
assuming the data is captured on the falling clock edge.
Using the highest frequency permitted for DATACLK
(20MHz), a 200kHz throughput can still be achieved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com