Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609ACSW Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1609ACSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609ACSW Datasheet(HTML) 2 Page - Linear Technology

  LTC1609ACSW Datasheet HTML 1Page - Linear Technology LTC1609ACSW Datasheet HTML 2Page - Linear Technology LTC1609ACSW Datasheet HTML 3Page - Linear Technology LTC1609ACSW Datasheet HTML 4Page - Linear Technology LTC1609ACSW Datasheet HTML 5Page - Linear Technology LTC1609ACSW Datasheet HTML 6Page - Linear Technology LTC1609ACSW Datasheet HTML 7Page - Linear Technology LTC1609ACSW Datasheet HTML 8Page - Linear Technology LTC1609ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC1609
1609fa
(Notes 1, 2)
VANA .......................................................................... 7V
VDIG to VANA ........................................................... 0.3V
VDIG ........................................................................... 7V
Ground Voltage Difference
DGND, AGND1 and AGND2 ..............................
±0.3V
Analog Inputs (Note 3)
R1IN, R2IN, R3IN ................................................ ±25V
CAP ............................ VANA + 0.3V to AGND2 – 0.3V
REF .................................... Indefinite Short to AGND2
Momentary Short to VANA
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC1609CG
LTC1609IG
TJMAX = 125°C, θJA = 95°C/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
R1IN
AGND1
R2IN
R3IN
NC
CAP
REF
NC
AGND2
NC
NC
SB/BTC
EXT/INT
DGND
VDIG
VANA
PWRD
BUSY
CS
NC
NC
R/C
NC
TAG
NC
DATA
DATACLK
SYNC
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Digital Input Voltage (Note 4) ........ DGND – 0.3V to 10V
Digital Output Voltage ........ DGND – 0.3V to VDIG + 0.3V
Power Dissipation .............................................. 500mW
Operating Ambient Temperature Range
LTC1609AC/LTC1609C ............................ 0
°C to 70°C
LTC1609AI/LTC1609I ......................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LTC1609CSW
LTC1609ISW
LTC1609ACSW
LTC1609AISW
1
2
3
4
5
6
7
8
9
10
TOP VIEW
SW PACKAGE
20-LEAD PLASTIC SO
20
19
18
17
16
15
14
13
12
11
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
SB/BTC
EXT/INT
DGND
VDIG
VANA
PWRD
BUSY
CS
R/C
TAG
DATA
DATACLK
SYNC
TJMAX = 125°C, θJA = 130°C/W
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With external reference (Notes 5, 6).
LTC1609
LTC1609A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
q
16
16
Bits
No Missing Codes
q
15
16
Bits
Transition Noise
0.9
0.9
LSBRMS
Integral Linearity Error
(Note 7)
q
±3
±2LSB
Differential Linearity Error
q
– 2
3
–1
1.75
LSB
Bipolar Zero Error
External Reference = 2.5V (Note 8), Bipolar Ranges
q
±10
±10
mV
CONVERTER CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com