Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609ACSW Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1609ACSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609ACSW Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1609ACSW Datasheet HTML 16Page - Linear Technology LTC1609ACSW Datasheet HTML 17Page - Linear Technology LTC1609ACSW Datasheet HTML 18Page - Linear Technology LTC1609ACSW Datasheet HTML 19Page - Linear Technology LTC1609ACSW Datasheet HTML 20Page - Linear Technology LTC1609ACSW Datasheet HTML 21Page - Linear Technology LTC1609ACSW Datasheet HTML 22Page - Linear Technology LTC1609ACSW Datasheet HTML 23Page - Linear Technology LTC1609ACSW Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
LTC1609
1609fa
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LTC1609
28
27
26
25
24
23
22
21
20
19
18
17
16
15
R1IN
AGND1
R2IN
R3IN
NC
CAP
REF
NC
AGND2
NC
NC
SB/BTC
EXT/INT
DGND
VDIG
VANA
PWRD
BUSY
CS
NC
NC
R/C
NC
TAG
NC
DATA
DATACLK
SYNC
R4
200
E15
R4
E16
R5
E17
R6
E1
R3IN
R5
100
R6
33k
1609 F15a
JP2
E2
GND
JP1
5V
C1
10
µF
E8
5V
E13
PWRD
E12
CS
E4
RC
E14
GND
C7
0.1
µF
C2
1000pF
C3
1000pF
C4
1000pF
C6
2.2
µF
C5
2.2
µF
R1 10k
R2 10k
R3 10k
E3
BUSY
E11
TAG
E5
DATA
E7
SYNC
E10
GND
E6
DATACLK
APPLICATIO S I FOR ATIO
Figure 15a. LTC1609 “Postage Stamp” Evaluation Circuit Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com