Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609ACSW Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1609ACSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609ACSW Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1609ACSW Datasheet HTML 6Page - Linear Technology LTC1609ACSW Datasheet HTML 7Page - Linear Technology LTC1609ACSW Datasheet HTML 8Page - Linear Technology LTC1609ACSW Datasheet HTML 9Page - Linear Technology LTC1609ACSW Datasheet HTML 10Page - Linear Technology LTC1609ACSW Datasheet HTML 11Page - Linear Technology LTC1609ACSW Datasheet HTML 12Page - Linear Technology LTC1609ACSW Datasheet HTML 13Page - Linear Technology LTC1609ACSW Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1609
1609fa
Figure 3a. Offset/Gain Circuits for Unipolar Input Ranges
Table 1a. Analog Input Range Connections for Figure 3a
ANALOG INPUT
CONNECT R1IN
CONNECT R2IN
CONNECT R3IN
INPUT
RANGE
VIA 200
Ω TO
VIA 100
Ω TO
TO
IMPEDANCE
0V to 10V
AGND
VIN
AGND
13.3k
Ω
0V to 5V
AGND
AGND
VIN
10k
Ω
0V to 4V
VIN
AGND
VIN
10.7k
Ω
APPLICATIO S I FOR ATIO
+
+
2.2
µF
2.2
µF
33.2k
200
Ω
100
Ω
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
50k
33.2k
200
Ω
100
Ω
576k
5V
50k
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
0V TO 10V
0V TO 5V
0V TO 4V
WITHOUT TRIM
INPUT RANGE
WITH TRIM
(ADJUST OFFSET FIRST AT 0V, THEN ADJUST GAIN)
VIN
+
+
2.2
µF
2.2
µF
33.2k
200
Ω
100
Ω
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
OFFSET
TRIM
GAIN
TRIM
OFFSET
TRIM
GAIN
TRIM
OFFSET
TRIM
GAIN
TRIM
50k
33.2k
200
Ω
100
Ω
576k
5V
50k
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
VIN
+
+
2.2
µF
2.2
µF
33.2k
100
Ω
200
Ω
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
1609 F03a
+
2.2
µF
50k
33.2k
200
Ω
100
Ω
576k
5V
50k
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com