Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609ACSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1609ACSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609ACSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1609ACSW Datasheet HTML 1Page - Linear Technology LTC1609ACSW Datasheet HTML 2Page - Linear Technology LTC1609ACSW Datasheet HTML 3Page - Linear Technology LTC1609ACSW Datasheet HTML 4Page - Linear Technology LTC1609ACSW Datasheet HTML 5Page - Linear Technology LTC1609ACSW Datasheet HTML 6Page - Linear Technology LTC1609ACSW Datasheet HTML 7Page - Linear Technology LTC1609ACSW Datasheet HTML 8Page - Linear Technology LTC1609ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC1609
1609fa
LTC1609
LTC1609A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-(Noise
1kHz Input Signal (Note 14)
87.5
85
87.5
dB
+ Distortion) Ratio
10kHz Input Signal
87
87
dB
20kHz, – 60dB Input Signal
30
30
dB
THD
Total Harmonic
1kHz Input Signal, First 5 Harmonics
– 100
– 100
–96
dB
Distortion
10kHz Input Signal, First 5 Harmonics
– 94
– 94
dB
Peak Harmonic or
1kHz Input Signal
– 102
– 102
dB
Spurious Noise
10kHz Input Signal
– 94
– 94
dB
Full-Power Bandwidth
(Note 15)
275
275
kHz
–3dB Input Bandwidth
1
1
MHz
Aperture Delay
40
40
ns
Aperture Jitter
Sufficient to Meet AC Specs Sufficient to Meet AC Specs
Transient Response
Full-Scale Step (Note 9)
2
2
µs
Overvoltage Recovery
(Note 16)
150
150
ns
LTC1609/LTC1609A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
4.75V
≤ VANA ≤ 5.25V, 4.75V ≤ VDIG ≤ 5.25V,
q
±10, 0V to 5V, etc.
V
(See Tables 1a and 1b)
CIN
Analog Input Capacitance
10
pF
RIN
Analog Input Impedance
See Tables 1a and 1b
k
Ω
The q indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
(Notes 5, 14)
A ALOG I PUT
DY A IC ACCURACY
LTC1609/LTC1609A
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
q
2.470
2.500
2.520
V
VREF Output Tempco
IOUT = 0
±5
ppm/
°C
Internal Reference Source Current
1
µA
External Reference Voltage for Specified Linearity
(Notes 9, 10)
2.30
2.50
2.70
V
External Reference Current Drain
External Reference = 2.5V (Note 9)
q
100
µA
CAP Output Voltage
IOUT = 0
2.50
V
The q indicates specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
INTERNAL REFERENCE CHARACTERISTICS
The q indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. With external reference (Notes 5, 6).
LTC1609
LTC1609A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Bipolar Zero Error Drift
Bipolar Ranges
±2
±2
ppm/
°C
Unipolar Zero Error
External Reference = 2.5V, Unipolar Ranges
q
±10
±10
mV
Unipolar Zero Error Drift
Unipolar Ranges
±2
±2
ppm/
°C
Full-Scale Error Drift
±7
±7
ppm/
°C
Full-Scale Error
External Reference = 2.5V (Notes 12, 13)
q
±0.50
±0.25
%
Full-Scale Error Drift
External Reference = 2.5V
±2
±2
ppm/
°C
Power Supply Sensitivity
VANA = VDIG = VDD
VDD = 5V ±5% (Note 9)
±8
±8LSB
CONVERTER CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com