Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609ACSW Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1609ACSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609ACSW Datasheet(HTML) 5 Page - Linear Technology

  LTC1609ACSW Datasheet HTML 1Page - Linear Technology LTC1609ACSW Datasheet HTML 2Page - Linear Technology LTC1609ACSW Datasheet HTML 3Page - Linear Technology LTC1609ACSW Datasheet HTML 4Page - Linear Technology LTC1609ACSW Datasheet HTML 5Page - Linear Technology LTC1609ACSW Datasheet HTML 6Page - Linear Technology LTC1609ACSW Datasheet HTML 7Page - Linear Technology LTC1609ACSW Datasheet HTML 8Page - Linear Technology LTC1609ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1609
1609fa
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND, AGND1
and AGND2 wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below ground or above VANA =
VDIG = VDD, they will be clamped by internal diodes. This product can
handle input currents of greater than 100mA below ground or above VDD
without latch-up.
Note 4: When these pin voltages are taken below ground, they will be
clamped by internal diodes. This product can handle input currents of
90mA below ground without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 200kHz, tr = tf = 5ns unless otherwise
specified.
Note 6: Linearity, offset and full-scale specifications apply for a VIN input
with respect to ground.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual end points of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar zero error is the offset voltage measured from – 0.5 LSB
when the output code flickers between 0000 0000 0000 0000 and 1111
1111 1111 1111. Unipolar zero error is the offset voltage measured from
0.5LSB when the output codes flickers between 0000. . .0000 and 0000. .
.0001.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: With CS low the falling R/C edge starts a conversion. If R/C
returns high at a critical point during the conversion it can create small
errors. For best results ensure that R/C returns high within 1.2
µs after the
start of the conversion.
Note 12: As measured with fixed 1% resistors shown in Figures 3a and
3b. Adjustable to zero with external potentiometer.
Note 13: Full-scale error is the worst-case of –FS or +FS untrimmed
deviation from ideal first and last code transitions, divided by the transition
voltage (not divided by the full-scale range) and includes the effect of
offset error. For unipolar input ranges full-scale error is the deviation of
the last code transition from ideal divided by the transiton voltage and
includes the effect of offset error.
Note 14: All specifications in dB are referred to a full-scale
±5V input.
Note 15: Full-power bandwidth is defined as full-scale input frequency at
which a signal-to-(noise + distortion) degrades to 60dB or 10 bits of
accuracy.
Note 16: Recovers to specified performance after (2 • FS) input
overvoltage.
Note 17: When data is shifted out during a conversion, with an external
data clock, complete the process within 1.2
µs from the start of the
conversion (BUSY falling). This will help keep any external disturbances
from causing an error in the conversion result.
POWER REQUIREMENTS
LTC1609/LTC1609A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
(Notes 9, 10)
4.75
5.25
V
IDD
Positive Supply Current
PWRD = Low
q
13
20
mA
PDIS
Power Dissipation
PWRD = Low
65
100
mW
PWRD = High
50
µW
The q indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com