Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1609ACSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1609ACSW
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609ACSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1609ACSW Datasheet HTML 1Page - Linear Technology LTC1609ACSW Datasheet HTML 2Page - Linear Technology LTC1609ACSW Datasheet HTML 3Page - Linear Technology LTC1609ACSW Datasheet HTML 4Page - Linear Technology LTC1609ACSW Datasheet HTML 5Page - Linear Technology LTC1609ACSW Datasheet HTML 6Page - Linear Technology LTC1609ACSW Datasheet HTML 7Page - Linear Technology LTC1609ACSW Datasheet HTML 8Page - Linear Technology LTC1609ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1609
1609fa
1
2
3
4
5
6
7
8
9
10
11
12
13
14
LTC1609
28
27
26
25
24
23
22
21
20
19
18
17
16
15
R1IN
AGND1
R2IN
R3IN
NC
CAP
REF
NC
AGND2
NC
NC
SB/BTC
EXT/INT
DGND
VDIG
VANA
PWRD
BUSY
CS
NC
NC
R/C
NC
TAG
NC
DATA
DATACLK
SYNC
+
33.2k
0.1
µF
100
Ω
ANALOG INPUT
– 10V TO 10V
2.2
µF
+
2.2
µF
+
10
µF
SERIAL INTERFACE
1609 TA01
5V
200
Ω
2.5V
2.5V
The LTC
®1609 is a 200ksps, serial sampling 16-bit A/D
converter that draws only 65mW (typical) from a single 5V
supply. This easy-to-use device includes a sample-and-
hold, a precision reference, a switched capacitor succes-
sive approximation A/D and trimmed internal clock.
The input range is specified for bipolar inputs of
±10V,
±5V and ±3.3V and unipolar inputs of 0V to 10V, 0V to 5V
and 0V to 4V. Maximum DC specs include
±2LSB INL and
16-bit no missing codes over temperature. It has a typical
signal-to-noise ratio of 87dB.
The ADC has a high speed serial interface. The serial
output data can be clocked out using either the internal
serial shift clock or be clocked out by an external shift
clock. A separate convert start input (R/C) and a data ready
signal (BUSY) ease connections to FIFOs, DSPs and
microprocessors.
16-Bit, 200ksps, Serial ADC
with Multiple Input Ranges
s
Sample Rate: 200ksps
s
Input Ranges
Unipolar: 0V to 10V, 0V to 5V and 0V to 4V
Bipolar:
±10V, ±5V and ±3.3V
s
Guaranteed No Missing Codes
s
Serial I/O
s
Single 5V Supply
s
Power Dissipation: 65mW Typ
s
Power Down Mode: 50
µW
s
SNR: 87dB Typ
s
Operates with Internal or External Reference
s
28-Pin SSOP and 20-Pin SO Packages
s
Improved 2nd Source to ADS7809 and AD977A
s
Industrial Process Control
s
Multiplexed Data Acquisition Systems
s
High Speed Data Acquisition for PCs
s
Digital Signal Processing
200kHz, 16-Bit Serial Sampling ADC Configured for
±10V Inputs
, LTC and LT are registered trademarks of Linear Technology Corporation.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
FREQUENCY (kHz)
0
–60
–40
0
75
1609 G06
–80
–100
25
50
100
–120
–130
–20
fSAMPLE = 200kHz
fIN = 1kHz
SINAD = 87.2dB
THD = –100.1dB
Nonaveraged 4096 Point FFT Plot


Similar Part No. - LTC1609ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1609 LINER-LTC1609 Datasheet
648Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps
LTC1609 LINER-LTC1609 Datasheet
358Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps
LTC1609 LINER-LTC1609 Datasheet
2Mb / 40P
16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1609 LINER-LTC1609 Datasheet
2Mb / 40P
18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1609 LINER-LTC1609 Datasheet
1Mb / 40P
Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1609ACSW

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
12-Bit, 200ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX1162 MAXIM-MAX1162_10 Datasheet
228Kb / 18P
16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 4/10
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
logo
Maxim Integrated Produc...
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
logo
Linear Technology
LTC1609 LINER-LTC1609_15 Datasheet
433Kb / 24P
16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
16-/18-Bit, Octal 200ksps, SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com