Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6723 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6723 Datasheet HTML 1Page - National Semiconductor (TI) LMH6723 Datasheet HTML 2Page - National Semiconductor (TI) LMH6723 Datasheet HTML 3Page - National Semiconductor (TI) LMH6723 Datasheet HTML 4Page - National Semiconductor (TI) LMH6723 Datasheet HTML 5Page - National Semiconductor (TI) LMH6723 Datasheet HTML 6Page - National Semiconductor (TI) LMH6723 Datasheet HTML 7Page - National Semiconductor (TI) LMH6723 Datasheet HTML 8Page - National Semiconductor (TI) LMH6723 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
±5V Electrical Characteristics (Continued)
Unless otherwise specified, A
V = +2, RF = 1200
Ω,R
L = 100
Ω. Boldface limits apply at temperature extremes. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMRR
Common Mode Rejection Ratio
DC, 1V Step
LMH6723
57
55
60
dB
LMH6724
57
53
60
LMH6725
57
54
60
I
CC
Supply Current (per amplifier)
R
L = ∞
1
1.2
1.4
mA
Miscellaneous Performance
R
IN+
Input Resistance
Non-Inverting
100
k
Ω
R
IN−
Input Resistance
(Output Resistance of Input
Buffer)
Inverting
500
Ω
C
IN
Input Capacitance
Non-Inverting
1.5
pF
R
OUT
Output Resistance
Closed Loop
0.01
Ω
V
O
Output Voltage Range
R
L = ∞
LMH6723
±4
±3.9
±4.1
V
LMH6724
LMH6725
±4
±3.85
±4.1
V
OL
Output Voltage Range, High
R
L = 100
Ω
3.6
3.5
3.7
V
Output Voltage Range, Low
R
L = 100
Ω
−3.25
−3.1
−3.45
CMVR
Input Voltage Range
Common Mode, CMRR > 50 dB
±4.0
V
I
O
Output Current
Sourcing, V
OUT =0
95
70
110
mA
Sinking, V
OUT = 0
−80
−70
110
±2.5V Electrical Characteristics
Unless otherwise specified, A
V = +2, RF = 1200
Ω,R
L = 100
Ω. Boldface limits apply at temperature extremes. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
−3 dB Bandwidth Small Signal
V
OUT = 0.5 VPP
210
MHz
LSBW
−3 dB Bandwidth Large Signal
V
OUT = 2.0 VPP
LMH6723
LMH6724
95
125
MHz
LMH6725
90
100
UGBW
−3 dB Bandwidth Unity Gain
V
OUT = 0.5 VPP,AV = 1 V/V
290
MHz
.1dB BW
.1 dB Bandwidth
V
OUT = 0.5 VPP
100
MHz
DG
Differential Gain
R
L = 150
Ω, 4.43 MHz
.03
%
DP
Differential Phase
R
L = 150
Ω, 4.43 MHz
0.1
deg
Time Domain Response
TRS
Rise and Fall Time
2V Step
4
ns
SR
Slew Rate
2V Step
275
400
V/µs
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
2 V
PP, 5 MHz
−67
dBc
HD3
3
rd Harmonic Distortion
2 V
PP, 5 MHz
−67
dBc
Equivalent Input Noise
VN
Non-Inverting Voltage
>1 MHz
4.3
nV/
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com