Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6723 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMH6723 Datasheet HTML 1Page - National Semiconductor (TI) LMH6723 Datasheet HTML 2Page - National Semiconductor (TI) LMH6723 Datasheet HTML 3Page - National Semiconductor (TI) LMH6723 Datasheet HTML 4Page - National Semiconductor (TI) LMH6723 Datasheet HTML 5Page - National Semiconductor (TI) LMH6723 Datasheet HTML 6Page - National Semiconductor (TI) LMH6723 Datasheet HTML 7Page - National Semiconductor (TI) LMH6723 Datasheet HTML 8Page - National Semiconductor (TI) LMH6723 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
±2.5V Electrical Characteristics (Continued)
Unless otherwise specified, A
V = +2, RF = 1200
Ω,R
L = 100
Ω. Boldface limits apply at temperature extremes. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
NICN
Inverting Current
>1MHz
6
pA/
ICN
Non-Inverting Current
>1MHz
6
pA/
Static, DC Performance
V
IO
Input Offset Voltage
−0.5
±3
±3.4
mV
I
BN
Input Bias Current
Non-Inverting
−2.7
±4
±5
µA
I
BI
Input Bias Current
Inverting
−0.7
±4
±5
µA
PSRR
Power Supply Rejection Ratio
DC, 0.5V Step
LMH6723
59
57
62
dB
LMH6724
58
55
62
LMH6725
59
56
62
CMRR
Common Mode Rejection Ratio
DC, 0.5V Step
LMH6723
57
53
59
dB
LMH6724
55
52
59
LMH6725
57
52
59
I
CC
Supply Current (per amplifier)
R
L = ∞
.9
1.1
1.3
mA
Miscellaneous Performance
R
IN+
Input Resistance
Non-Inverting
100
k
Ω
R
IN−
Input Resistance
(Output Resistance of Input
Buffer)
Inverting
500
Ω
C
IN
Input Capacitance
Non-Inverting
1.5
pF
R
OUT
Output Resistance
Closed Loop
.02
Ω
V
O
Output Voltage Range
R
L = ∞
±1.55
±1.4
±1.65
V
V
OL
Output Voltage Range, High
R
L = 100
Ω
LMH6723
1.35
1.27
1.45
V
LMH6724
LMH6725
1.35
1.26
1.45
Output Voltage Range, Low
R
L = 100
Ω
LMH6723
−1.25
−1.15
−1.38
V
LMH6724
LMH6725
−1.25
−1.15
−1.38
CMVR
Input Voltage Range
Common Mode, CMRR > 50 dB
±1.45
V
I
O
Output Current
Sourcing
70
60
90
mA
Sinking
−30
−30
−60
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com