Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6723 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMH6723 Datasheet HTML 9Page - National Semiconductor (TI) LMH6723 Datasheet HTML 10Page - National Semiconductor (TI) LMH6723 Datasheet HTML 11Page - National Semiconductor (TI) LMH6723 Datasheet HTML 12Page - National Semiconductor (TI) LMH6723 Datasheet HTML 13Page - National Semiconductor (TI) LMH6723 Datasheet HTML 14Page - National Semiconductor (TI) LMH6723 Datasheet HTML 15Page - National Semiconductor (TI) LMH6723 Datasheet HTML 16Page - National Semiconductor (TI) LMH6723 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Section (Continued)
DRIVING CAPACITIVE LOADS
Capacitive output loading applications will benefit from the
use of a series output resistor as shown in Figure 5. The
charts "Suggested R
OUT vs. Cap Load" give a recommended
value for selecting a series output resistor for mitigating
capacitive loads. The values suggested in the charts are
selected for .5 dB or less of peaking in the frequency re-
sponse. This gives a good compromise between settling
time and bandwidth. For applications where maximum fre-
quency response is needed and some peaking is tolerable,
the value of R
OUT can be reduced slightly from the recom-
mended values.
There will be amplitude lost in the series resistor unless the
gain is adjusted to compensate; this effect is most noticeable
with heavy loads (R
L < 150
Ω).
An alternative approach is to place R
OUT inside the feedback
loop as shown in Figure 6. This will preserve gain accuracy,
but will still limit maximum output voltage swing.
INVERTING INPUT PARASITIC CAPACITANCE
Parasitic capacitance is any capacitance in a circuit that was
not intentionally added. It is produced through electrical
interaction between conductors and can be reduced but
never entirely eliminated. Most parasitic capacitances that
cause problems are related to board layout or lack of termi-
nation on transmission lines. Please see the section on
Layout Considerations for hints on reducing problems due to
parasitic capacitances on board traces. Transmission lines
should be terminated in their characteristic impedance at
both ends.
High speed amplifiers are sensitive to capacitance between
the inverting input and ground or power supplies. This shows
up as gain peaking at high frequency. The capacitor raises
device gain at high frequencies by making R
G
appear
smaller. Capacitive output loading will exaggerate this effect.
One possible remedy for this effect is to slightly increase the
value of the feedback (and gain set) resistor. This will tend to
offset the high frequency gain peaking while leaving other
parameters relatively unchanged. If the device has a capaci-
tive load as well as inverting input capacitance, using a
series output resistor as described in the section on "Driving
Capacitive Loads" will help.
When higher currents are required than a single amplifier
can provide, the circuit of Figure 7 can be used. Although the
example circuit was intended for the LMH6725 quad op amp,
higher thermal efficiency can be obtained by using four
separate SOIC op amps. Careful attention to a few key
components will optimize performance from this circuit. The
first thing to note is that the buffers need slightly higher value
feedback resistors than if the amplifiers were individually
configured. As well, R
11 and C1 provide mid circuit frequency
compensation to further improve stability. The composite
amplifier has approximately twice the phase delay of a single
circuit. The larger values of R
8,R9 and R10, as well as the
high frequency attenuation provided by C
1 and R11, ensure
that the circuit does not oscillate.
Resistors R
4,R5,R6, and R7 are necessary to ensure even
current distribution between the amplifiers. Since they are
inside the feedback loop they have no effect on the gain of
the circuit. The circuit shown in Figure 7 has a gain of 5. The
frequency response of this circuit is shown in Figure 8.
20078934
FIGURE 5. Decoupling Capacitive Loads
20078935
FIGURE 6. Series Output Resistor inside feedback loop
20078942
FIGURE 7. High Output Current Composite Amplifier
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com