Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6723 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6723 Datasheet HTML 7Page - National Semiconductor (TI) LMH6723 Datasheet HTML 8Page - National Semiconductor (TI) LMH6723 Datasheet HTML 9Page - National Semiconductor (TI) LMH6723 Datasheet HTML 10Page - National Semiconductor (TI) LMH6723 Datasheet HTML 11Page - National Semiconductor (TI) LMH6723 Datasheet HTML 12Page - National Semiconductor (TI) LMH6723 Datasheet HTML 13Page - National Semiconductor (TI) LMH6723 Datasheet HTML 14Page - National Semiconductor (TI) LMH6723 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Typical Performance Characteristics A
V =2,RF = 1200
Ω,R
L = 100
Ω, unless otherwise
specified. (Continued)
Crosstalk (LMH6725)
20078945
Application Section
GENERAL INFORMATION
The LMH6723/LMH6724/LMH6725 is a high speed current
feedback amplifier manufactured on National Semiconduc-
tor’s VIP10 (Vertically Integrated PNP) complimentary bipo-
lar process. LMH6723/LMH6724/LMH6725 offers a unique
combination of high speed and low quiescent supply current
making it suitable for a wide range of battery powered and
portable applications that require high performance. This
amplifier can operate from 4.5V to 12V nominal supply volt-
ages and draws only 1 mA of quiescent supply current at
10V supplies (±5V typically). The LMH6723/LMH6724/
LMH6725 has no internal ground reference so single or split
supply configurations are both equally useful.
EVALUATION BOARDS
National Semiconductor provides the following evaluation
boards as a guide for high frequency layout and as an aid in
device testing and characterization. Many of the datasheet
plots were measured with these boards.
Device
Package
Board Part #
LMH6723MA
SOIC-8
CLC730227
LMH6723MF
SOT-23
CLC730216
LMH6724MA
SOIC-8
CLC730036
LMH6725MA
SOIC-14
CLC730231
These evaluation boards can be shipped when a device
sample request is placed with National Semiconductor.
FEEDBACK RESISTOR SELECTION
One of the key benefits of a current feedback operational
amplifier is the ability to maintain optimum frequency re-
sponse independent of gain by using appropriate values for
the feedback resistor (R
F). The Electrical Characteristics and
Typical Performance plots were generated with an R
F of
1200
Ω, a gain of +2V/V and ±5V or ±2.5V power supplies
(unless otherwise specified). Generally, lowering R
F from it’s
recommended value will peak the frequency response and
extend the bandwidth; however, increasing the value of R
F
will cause the frequency response to roll off faster. Reducing
the value of R
F too far below it’s recommended value will
cause overshoot, ringing and, eventually, oscillation.
Figure 1 shows the LMH6723/LMH6724/LMH6725’s fre-
quency response as R
F is varied (RL = 100
Ω,A
V = +2). This
plot shows that an R
F of 800
Ω results in peaking. An R
F of
1200
Ω gives near maximal bandwidth and gain flatness with
good stability. Since each application is slightly different it is
worth some experimentation to find the optimal R
F for a
given circuit. In general a value of R
F that produces
~0.1 dB
of peaking is the best compromise between stability and
maximal bandwidth. Note that it is not possible to use a
current feedback amplifier with the output shorted directly to
the inverting input. The buffer configuration of the LMH6723/
LMH6724/LMH6725 requires a 2000
Ω feedback resistor for
stable operation. For other gains see the charts "R
F vs. Non
20078922
FIGURE 1. Frequency Response vs. R
F
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com