Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6723 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6723 Datasheet HTML 1Page - National Semiconductor (TI) LMH6723 Datasheet HTML 2Page - National Semiconductor (TI) LMH6723 Datasheet HTML 3Page - National Semiconductor (TI) LMH6723 Datasheet HTML 4Page - National Semiconductor (TI) LMH6723 Datasheet HTML 5Page - National Semiconductor (TI) LMH6723 Datasheet HTML 6Page - National Semiconductor (TI) LMH6723 Datasheet HTML 7Page - National Semiconductor (TI) LMH6723 Datasheet HTML 8Page - National Semiconductor (TI) LMH6723 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LMH6723/LMH6724/LMH6725
Single/Dual/Quad 370 MHz 1 mA Current Feedback
Operational Amplifier
General Description
The LMH6723/LMH6724/LMH6725 provides a 260 MHz
small signal bandwidth at a gain of +2 V/V and a 600 V/µs
slew rate while consuming only 1 mA from ±5V supplies.
The LMH6723/LMH6724/LMH6725 supports video applica-
tions with its 0.03% and 0.11˚ differential gain and phase for
NTSC and PAL video signals. The LMH6723/LMH6724/
LMH6725 also offers a flat gain response of 0.1 dB to 100
MHz. Additionally, the LMH6723/LMH6724/LMH6725 can
deliver 110 mA of linear output current. This level of perfor-
mance, as well as a wide supply range of 4.5 to 12V, makes
the LMH6723/LMH6724/LMH6725 an ideal op amp for a
variety of portable applications. The LMH6723/LMH6724/
LMH6725’s small packages (TSSOP, SOIC & SOT23), low
power
requirement
and
high
performance
allow
the
LMH6723/LMH6724/LMH6725 to serve a wide variety of
portable applications.
The LMH6723/LMH6724/LMH6725 is manufactured in Na-
tional’s VIP10™ complimentary bipolar process.
Features
n
Large signal bandwidth and slew rate 100% tested
n
370 MHz bandwidth (A
V =1,VOUT = 0.5 VPP)−3dB
BW
n
260 MHz (A
V =+2V/V,VOUT = 0.5 VPP)−3dBBW
n
1 mA supply current
n
110 mA linear output current
n
0.03%, 0.11˚ differential gain, phase
n
0.1 dB gain flatness to 100 MHz
n
Fast slew rate: 600 V/µs
n
Unity gain stable
n
Single supply range of 4.5 to 12V
n
Improved replacement for CLC450, CLC452, (LMH6723)
Applications
n
Line driver
n
Portable video
n
A/D driver
n
Portable DVD
Typical Application
20078936
Single Supply Cable Driver
VIP10™ is a trademark of National Semiconductor Corporation.
August 2005
© 2005 National Semiconductor Corporation
DS200789
www.national.com


Similar Part No. - LMH6723

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
LMH6723 TI2-LMH6723 Datasheet
1Mb / 32P
LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
REVISED AUGUST 2014
LMH6723 MWC TI2-LMH6723 MWC Datasheet
1Mb / 32P
LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
REVISED AUGUST 2014
LMH6723-MWC.A TI2-LMH6723-MWC.A Datasheet
1Mb / 32P
LMH6723/LMH6724 Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
REVISED AUGUST 2014
LMH6723MA TI1-LMH6723MA Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
More results

Similar Description - LMH6723

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2501 ONSEMI-NCS2501 Datasheet
250Kb / 16P
1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
May, 2005 ??Rev. 1
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
logo
Analog Devices
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
logo
Texas Instruments
LMH6723 TI1-LMH6723 Datasheet
1Mb / 28P
Single/Dual/Quad 370-MHz, 1-mA Current Feedback Operational Amplifier
OPA838 TI1-OPA838 Datasheet
1Mb / 41P
1-mA, 300-MHz Gain Bandwidth, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com