Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6723 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6723
Description  Single/Dual/Quad 370 MHz 1 mA Current Feedback Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6723 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6723 Datasheet HTML 1Page - National Semiconductor (TI) LMH6723 Datasheet HTML 2Page - National Semiconductor (TI) LMH6723 Datasheet HTML 3Page - National Semiconductor (TI) LMH6723 Datasheet HTML 4Page - National Semiconductor (TI) LMH6723 Datasheet HTML 5Page - National Semiconductor (TI) LMH6723 Datasheet HTML 6Page - National Semiconductor (TI) LMH6723 Datasheet HTML 7Page - National Semiconductor (TI) LMH6723 Datasheet HTML 8Page - National Semiconductor (TI) LMH6723 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
CC (V
+ -V-)
±6.75V
I
OUT
120 mA (Note 3)
Common Mode Input Voltage
±V
CC
Maximum Junction Temperature
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
ESD Tolerance (Note 4)
Human Body Model
2000V
Machine Model (Note 4)
200V
Operating Ratings (Note 3)
Thermal Resistance
Package
(
θ
JA)
8-Pin SOIC
166˚C/W
5-Pin SOT23
230˚C/W
14-Pin SOIC
130˚C/W
14-Pin TSSOP
160˚C/W
Operating Temperature Range
−40˚C to +85˚C
Nominal Supply Voltage
4.5V to 12V
±5V Electrical Characteristics
Unless otherwise specified, A
V = +2, RF = 1200
Ω,R
L = 100
Ω. Boldface limits apply at temperature extremes. (Note 2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
−3 dB Bandwidth Small Signal
V
OUT = 0.5 VPP
260
MHz
LSBW
−3dB Bandwidth Large Signal
V
OUT = 4.0 VPP
LMH6723
90
110
MHz
LMH6724
LMH6725
85
95
UGBW
−3 dB Bandwidth Unity Gain
V
OUT =.2VPP AV = 1 V/V
370
MHz
.1dB BW
.1 dB Bandwidth
V
OUT = 0.5 VPP
100
MHz
DG
Differential Gain
R
L = 150
Ω, 4.43 MHz
0.03
%
DP
Differential Phase
R
L = 150
Ω, 4.43 MHz
0.11
deg
Time Domain Response
TRS
Rise and Fall Time
4V Step
2.5
ns
TSS
Settling Time to 0.05%
2V Step
30
ns
SR
Slew Rate
4V Step
500
600
V/µs
Distortion and Noise Response
HD2
2
nd Harmonic Distortion
2 V
PP, 5 MHz
−65
dBc
HD3
3
rd Harmonic Distortion
2 V
PP, 5 MHz
−63
dBc
Equivalent Input Noise
VN
Non-Inverting Voltage Noise
>1 MHz
4.3
nV/
NICN
Inverting Current Noise
>1 MHz
6
pA/
ICN
Non-Inverting Current Noise
>1 MHz
6
pA/
Static, DC Performance
V
IO
Input Offset Voltage
1
±3
±3.7
mV
I
BN
Input Bias Current
Non-Inverting
−2
±4
±5
µA
I
BI
Input Bias Current
Inverting
0.4
±4
±5
µA
PSRR
Power Supply Rejection Ratio
DC, 1V Step
LMH6723
59
57
64
dB
LMH6724
59
55
64
LMH6725
59
56
64
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com